Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDXYY Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # GDXYY
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

GDXYY Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button GDXYY Datasheet HTML 5Page - Advanced Analogic Technologies GDXYY Datasheet HTML 6Page - Advanced Analogic Technologies GDXYY Datasheet HTML 7Page - Advanced Analogic Technologies GDXYY Datasheet HTML 8Page - Advanced Analogic Technologies GDXYY Datasheet HTML 9Page - Advanced Analogic Technologies GDXYY Datasheet HTML 10Page - Advanced Analogic Technologies GDXYY Datasheet HTML 11Page - Advanced Analogic Technologies GDXYY Datasheet HTML 12Page - Advanced Analogic Technologies GDXYY Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
9
www .analogictech.com
Applications Information
To ensure that the maximum possible performance is
obtained from the AAT3221/2, please refer to the follow-
ing application recommendations.
Input Capacitor
A 1μF or larger capacitor is typically recommended for
CIN in most applications. A CIN capacitor is not required
for basic LDO regulator operation.
However, if the
AAT3221/2 is physically located any distance more than
one or two centimeters from the input power source, a
CIN capacitor will be needed for stable operation. CIN
should be located as closely to the device VIN pin as
practically possible.
CIN values greater than 1μF will
offer superior input line transient response and will
assist in maximizing the power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capacitors
may be selected for CIN, as there is no specific capacitor
ESR requirement.
For 150mA LDO regulator output
operation, ceramic capacitors are recommended for CIN
due to their inherent capability over tantalum capacitors
to withstand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational sta-
bility, a capacitor is required between pins VOUT and GND.
The COUT capacitor connection to the LDO regulator
ground pin should be made as direct as practically pos-
sible for maximum device performance. The AAT3221/2
has been specifically designed to function with very low
ESR ceramic capacitors. Although the device is intended
to operate with these low ESR capacitors, it is stable
over a wide range of capacitor ESR, thus it will also work
with some higher ESR tantalum or aluminum electrolytic
capacitors.
However, for best performance, ceramic
capacitors are recommended.
The value of COUT typically ranges from 0.47μF to 10μF;
however, 1μF is sufficient for most operating conditions.
If large output current steps are required by an applica-
tion, then an increased value for COUT should be consid-
ered. The amount of capacitance needed can be calcu-
lated from the step size of the change in output load
current expected and the voltage excursion that the load
can tolerate.
The total output capacitance required can be calculated
using the following formula:
COUT =
· 15µF
ΔI
ΔV
Where:
ΔI = maximum step in output current
ΔV = maximum excursion in voltage that the load can
tolerate
Note that use of this equation results in capacitor values
approximately two to four times the typical value needed
for an AAT3221/2 at room temperature. The increased
capacitor value is recommended if tight output toler-
ances must be maintained over extreme operating con-
ditions and maximum operational temperature excur-
sions. If tantalum or aluminum electrolytic capacitors
are used, the capacitor value should be increased to
compensate for the substantial ESR inherent to these
capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recommend-
ed over all other types of capacitors for use with the
AAT3221/2. Ceramic capacitors offer many advantages
over their tantalum and aluminum electrolytic counter-
parts. A ceramic capacitor typically has very low ESR, is
lower cost, has a smaller PCB footprint, and is non-
polarized. Line and load transient response of the LDO
regulator is improved by using low-ESR ceramic capaci-
tors. Since ceramic capacitors are non-polarized, they
are less prone to damage if incorrectly connected.
Equivalent Series Resistance (ESR)
ESR is a very important characteristic to consider when
selecting a capacitor. ESR is the internal series resis-
tance associated with a capacitor, which includes lead
resistance, internal connections, capacitor size and area,
material composition, and ambient temperature.
Typically, capacitor ESR is measured in milliohms for
ceramic capacitors and can range to more than several
ohms for tantalum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1μF are typically made
from NPO or C0G materials. NPO and C0G materials are
typically tight tolerance and very stable over tempera-
ture. Larger capacitor values are typically composed of


Similar Part No. - GDXYY

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GDX GOLLEDGE-GDX Datasheet
60Kb / 1P
   Crystals for Dallas Semiconductors
logo
Kycon, Inc.
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1 Datasheet
60Kb / 1P
   Crystals for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
   Watch Crystal for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
   Crystals for Dallas Semiconductors
More results

Similar Description - GDXYY

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com