Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC251K1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC251K1
Description  RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC251K1 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC251K1 Datasheet HTML 1Page - STMicroelectronics M54HC251K1 Datasheet HTML 2Page - STMicroelectronics M54HC251K1 Datasheet HTML 3Page - STMicroelectronics M54HC251K1 Datasheet HTML 4Page - STMicroelectronics M54HC251K1 Datasheet HTML 5Page - STMicroelectronics M54HC251K1 Datasheet HTML 6Page - STMicroelectronics M54HC251K1 Datasheet HTML 7Page - STMicroelectronics M54HC251K1 Datasheet HTML 8Page - STMicroelectronics M54HC251K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M54HC251
5/10
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
115
ns
4.5
8
15
19
23
6.0
7
13
16
20
tPLH tPHL Propagation Delay
Time
(D - Y, W)
2.0
64
130
165
195
ns
4.5
16
26
33
39
6.0
14
22
28
33
tPHL
Propagation Delay
Time
(A, B, C -Y, W)
2.0
80
160
200
240
ns
4.5
20
32
40
48
6.0
17
27
34
41
tPZL tPZH High Impedance
Output Enable
Time
2.0
RL =1 K
36
90
115
135
ns
4.5
11
18
23
27
6.0
9
15
20
23
tPLZ tPHZ High Impedance
Output Disable
Time
2.0
RL =1 K
26
85
105
130
ns
4.5
13
17
21
26
6.0
11
14
18
22
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
62
pF


Similar Part No. - M54HC251K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC251K STMICROELECTRONICS-M54HC251K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC251K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
M54HC257 STMICROELECTRONICS-M54HC257_04 Datasheet
168Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
M54HC153 STMICROELECTRONICS-M54HC153_04 Datasheet
338Kb / 9P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
   8-Channel Multiplexer (3-state)
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
   8 CHANNEL MULTIPLEXER (3 STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com