Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMXYY Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AMXYY
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AMXYY Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AMXYY Datasheet HTML 6Page - Advanced Analogic Technologies AMXYY Datasheet HTML 7Page - Advanced Analogic Technologies AMXYY Datasheet HTML 8Page - Advanced Analogic Technologies AMXYY Datasheet HTML 9Page - Advanced Analogic Technologies AMXYY Datasheet HTML 10Page - Advanced Analogic Technologies AMXYY Datasheet HTML 11Page - Advanced Analogic Technologies AMXYY Datasheet HTML 12Page - Advanced Analogic Technologies AMXYY Datasheet HTML 13Page - Advanced Analogic Technologies AMXYY Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
10
3221.2007.11.1.12
www .analogictech.com
X7R, X5R, Z5U, and Y5V dielectric materials.
Large
ceramic capacitors, typically greater than 2.2μF, are often
available in low-cost Y5V and Z5U dielectrics. These two
material types are not recommended for use with LDO
regulators since the capacitor tolerance can vary more
than ±50% over the operating temperature range of the
device. A 2.2μF Y5V capacitor could be reduced to 1μF
over the full operating temperature range. This can cause
problems for circuit operation and stability. X7R and X5R
dielectrics are much more desirable. The temperature
tolerance of X7R dielectric is better than ±15%.
Capacitor area is another contributor to ESR. Capacitors
that are physically large in size will have a lower ESR
when compared to a smaller sized capacitor of equiva-
lent material and capacitance value. These larger devic-
es can also improve circuit transient response when
compared to an equal value capacitor in a smaller pack-
age size.
Consult capacitor vendor datasheets carefully when
selecting capacitors for use with LDO regulators.
Enable Function
The AAT3221/2 features an LDO regulator enable / dis-
able function. This pin (EN) is compatible with CMOS
logic. Active high or active low options are available (see
Ordering Information). For a logic high signal, the EN
control level must be greater than 2.4 volts. A logic low
signal is asserted when the voltage on the EN pin falls
below 0.6 volts. For example, the active high version
AAT3221/2 will turn on when a logic high is applied to
the EN pin. If the enable function is not needed in a spe-
cific application, it may be tied to the respective voltage
level to keep the LDO regulator in a continuously on
state; e.g., the active high version AAT3221/2 will tie VIN
to EN to remain on.
Short-Circuit Protection and Thermal
Protection
The AAT3221/2 is protected by both current limit and
over-temperature protection circuitry. The internal short-
circuit current limit is designed to activate when the
output load demand exceeds the maximum rated output.
If a short-circuit condition were to continually draw more
than the current limit threshold, the LDO regulator’s out-
put voltage will drop to a level necessary to supply the
current demanded by the load. Under short-circuit or
other over-current operating conditions, the output volt-
age will drop and the AAT3221/2 die temperature will
rapidly increase. Once the regulator’s power dissipation
capacity has been exceeded and the internal die tem-
perature reaches approximately 140°C, the system ther-
mal protection circuit will become active. The internal
thermal protection circuit will actively turn off the LDO
regulator output pass device to prevent the possibility of
over-temperature damage. The LDO regulator output will
remain in a shutdown state until the internal die tem-
perature falls back below the 140°C trip point.
The interaction between the short-circuit and thermal
protection systems allows the LDO regulator to with-
stand indefinite short-circuit conditions without sustain-
ing permanent damage.
No-Load Stability
The AAT3221/2 is designed to maintain output voltage
regulation and stability under operational no-load condi-
tions. This is an important characteristic for applications
where the output current may drop to zero. An output
capacitor is required for stability under no-load operating
conditions. Refer to the output capacitor considerations
section of this document for recommended typical out-
put capacitor values.
Thermal Considerations and High Output
Current Applications
The AAT3221/2 is designed to deliver a continuous out-
put load current of 150mA under normal operating con-
ditions.
The limiting characteristic for the maximum
output load safe operating area is essentially package
power dissipation and the internal preset thermal limit of
the device. In order to obtain high operating currents,
careful device layout and circuit operating conditions
need to be taken into account. The following discussions
will assume the LDO regulator is mounted on a printed
circuit board utilizing the minimum recommended foot-
print and the printed circuit board is 0.062-inch thick
FR4 material with one ounce copper.
At any given ambient temperature (TA), the maximum
package power dissipation can be determined by the fol-
lowing equation:
PD(MAX) =
TJ(MAX) - TA
θJA
Constants for the AAT3221/2 are TJ(MAX), the maximum
junction temperature for the device which is 125°C and
ΘJA = 150°C/W, the package thermal resistance. Typically,


Similar Part No. - AMXYY

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AMX ALTECH-AMX Datasheet
325Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
Eaton All Rights Reserv...
AMX EATON-AMX Datasheet
1Mb / 5P
   Automotive bolt in fuse
August 2022
AMX-100 EATON-AMX-100 Datasheet
1Mb / 5P
   Automotive bolt in fuse
August 2022
AMX-150 EATON-AMX-150 Datasheet
1Mb / 5P
   Automotive bolt in fuse
August 2022
AMX-200 EATON-AMX-200 Datasheet
1Mb / 5P
   Automotive bolt in fuse
August 2022
More results

Similar Description - AMXYY

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com