Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC237K Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC237K
Description  RAD-HARD 3 TO 8 LINE DECODER LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC237K Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC237K Datasheet HTML 1Page - STMicroelectronics M54HC237K Datasheet HTML 2Page - STMicroelectronics M54HC237K Datasheet HTML 3Page - STMicroelectronics M54HC237K Datasheet HTML 4Page - STMicroelectronics M54HC237K Datasheet HTML 5Page - STMicroelectronics M54HC237K Datasheet HTML 6Page - STMicroelectronics M54HC237K Datasheet HTML 7Page - STMicroelectronics M54HC237K Datasheet HTML 8Page - STMicroelectronics M54HC237K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M54HC237
3/10
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr,tf
Input Rise and Fall Time
VCC =2.0V
0 to 1000
ns
VCC =4.5V
0 to 500
ns
VCC =6.0V
0 to 400
ns


Similar Part No. - M54HC237K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC237K STMICROELECTRONICS-M54HC237K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC237K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
M54HC138 STMICROELECTRONICS-M54HC138_04 Datasheet
173Kb / 9P
   RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
M54HCT138 STMICROELECTRONICS-M54HCT138_04 Datasheet
252Kb / 10P
   RAD HARD 3 TO 8 LINE DECODER (INVERTING)
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
316Kb / 10P
   RAD-HARD 4 TO 16 LINE DECODER/LATCH
M54HC131 STMICROELECTRONICS-M54HC131 Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP Datasheet
299Kb / 7P
   3- TO - 8 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC237 STMICROELECTRONICS-M74HC237 Datasheet
181Kb / 11P
   3 TO 8 LINE DECODER LATCH
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP_07 Datasheet
384Kb / 9P
   3-to-8 Line Decoder/Latch
logo
STMicroelectronics
M54HC237 STMICROELECTRONICS-M54HC237 Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER LATCH
M54HC148 STMICROELECTRONICS-M54HC148_04 Datasheet
227Kb / 10P
   RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com