Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC164D Datasheet(PDF) 10 Page - STMicroelectronics

Part # M54HC164D
Description  RAD-HARD 8 BIT SIPO SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC164D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M54HC164D Datasheet HTML 3Page - STMicroelectronics M54HC164D Datasheet HTML 4Page - STMicroelectronics M54HC164D Datasheet HTML 5Page - STMicroelectronics M54HC164D Datasheet HTML 6Page - STMicroelectronics M54HC164D Datasheet HTML 7Page - STMicroelectronics M54HC164D Datasheet HTML 8Page - STMicroelectronics M54HC164D Datasheet HTML 9Page - STMicroelectronics M54HC164D Datasheet HTML 10Page - STMicroelectronics M54HC164D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
M54HC164
10/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.95
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.10
0.127
0.15
0.004
0.005
0.006
E
7.50
7.62
7.75
0.295
0.300
0.305
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.236
L
18.75
22.0
0.738
0.866
M
0.38
0.015
N
4.31
0.170
FPC-14 MECHANICAL DATA
016029E
1
7
8
14
F
G
D
H
A
B
M
N
H
C
L
E


Similar Part No. - M54HC164D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC164D STMICROELECTRONICS-M54HC164D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC164D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC597 STMICROELECTRONICS-M54HC597_04 Datasheet
513Kb / 14P
   RAD-HARD 8 BIT LATCH/SHIFT REGISTER
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
   8 BIT SIPO SHIFT REGISTER
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com