Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC164D1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC164D1
Description  RAD-HARD 8 BIT SIPO SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC164D1 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC164D1 Datasheet HTML 1Page - STMicroelectronics M54HC164D1 Datasheet HTML 2Page - STMicroelectronics M54HC164D1 Datasheet HTML 3Page - STMicroelectronics M54HC164D1 Datasheet HTML 4Page - STMicroelectronics M54HC164D1 Datasheet HTML 5Page - STMicroelectronics M54HC164D1 Datasheet HTML 6Page - STMicroelectronics M54HC164D1 Datasheet HTML 7Page - STMicroelectronics M54HC164D1 Datasheet HTML 8Page - STMicroelectronics M54HC164D1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M54HC164
4/11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr,tf
Input Rise and Fall Time
VCC =2.0V
0 to 1000
ns
VCC =4.5V
0 to 500
ns
VCC =6.0V
0 to 400
ns


Similar Part No. - M54HC164D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC164D STMICROELECTRONICS-M54HC164D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC164D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC597 STMICROELECTRONICS-M54HC597_04 Datasheet
513Kb / 14P
   RAD-HARD 8 BIT LATCH/SHIFT REGISTER
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
   8 BIT SIPO SHIFT REGISTER
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com