Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP22NM60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP22NM60
Description  N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NM60 Datasheet(HTML) 2 Page - STMicroelectronics

  STP22NM60 Datasheet HTML 1Page - STMicroelectronics STP22NM60 Datasheet HTML 2Page - STMicroelectronics STP22NM60 Datasheet HTML 3Page - STMicroelectronics STP22NM60 Datasheet HTML 4Page - STMicroelectronics STP22NM60 Datasheet HTML 5Page - STMicroelectronics STP22NM60 Datasheet HTML 6Page - STMicroelectronics STP22NM60 Datasheet HTML 7Page - STMicroelectronics STP22NM60 Datasheet HTML 8Page - STMicroelectronics STP22NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STP22NM60 / STF22NM60 / STB22NM60 / STB22NM60-1 - STW22NM60
2/11
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area;
(*)Limited only by maximum temperature allowed
(1) ISD ≤22A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
ON/OFF
Symbol
Parameter
Value
Unit
STP22NM60
STB22NM60/1
STF22NM60
STW22NM60
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
22
22 (*)
22
A
ID
Drain Current (continuous) at TC = 100°C
12.6
12.6 (*)
12.6
A
IDM ( )
Drain Current (pulsed)
80
80(*)
80
A
PTOT
Total Dissipation at TC = 25°C
192
45
210
W
Derating Factor
1.2
0.36
1.2
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2500
--
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220/D2PAK/I2PAK/TO-247
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
0.65
2.8
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
11
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25°C, ID =IAR,VDD =50V)
650
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS =0
600
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
VDS = Max Rating, TC =125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ±30 V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
34
5V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID = 11 A
0.19
0.25


Similar Part No. - STP22NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NM60N STMICROELECTRONICS-STP22NM60N Datasheet
994Kb / 23P
   N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
logo
Inchange Semiconductor ...
STP22NM60N ISC-STP22NM60N Datasheet
316Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STP22NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
   N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
April 2002
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
   N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
March 2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com