Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z2M1V Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z2M1V Datasheet HTML 4Page - STMicroelectronics M48Z2M1V Datasheet HTML 5Page - STMicroelectronics M48Z2M1V Datasheet HTML 6Page - STMicroelectronics M48Z2M1V Datasheet HTML 7Page - STMicroelectronics M48Z2M1V Datasheet HTML 8Page - STMicroelectronics M48Z2M1V Datasheet HTML 9Page - STMicroelectronics M48Z2M1V Datasheet HTML 10Page - STMicroelectronics M48Z2M1V Datasheet HTML 11Page - STMicroelectronics M48Z2M1V Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M48Z2M1Y, M48Z2M1V
8/17
Figure 8. Chip Enable Controlled, WRITE Mode AC Waveforms
Note: Output Enable (G) = High.
Table 4. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF (see Figure 10., page 11).
3. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter(1)
M48Z2M1Y
M48Z2M1V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
70
85
ns
tAVEH
Address Valid to Chip Enable High
65
75
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tAVWH
Address Valid to WRITE Enable High
65
75
ns
tAVWL
Address Valid to WRITE Enable Low
0
0
ns
tDVEH
Input Valid to Chip Enable High
30
35
ns
tDVWH
Input Valid to WRITE Enable High
30
35
ns
tEHAX
Chip Enable High to Address Transition
15
15
ns
tEHDX
Chip Enable High to Input Transition
10
15
ns
tELEH
Chip Enable Low to Chip Enable High
55
75
ns
tWHAX
WRITE Enable High to Address Transition
5
5
ns
tWHDX
WRITE Enable High to Input Transition
0
0
ns
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
5
ns
tWLQZ
(2,3)
WRITE Enable Low to Output Hi-Z
25
30
ns
tWLWH
WRITE Enable Pulse Width
55
65
ns
AI02054
tAVAV
tEHAX
tDVEH
A0-A20
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT


Similar Part No. - M48Z2M1V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1V STMICROELECTRONICS-M48Z2M1V Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1V-70PL1 STMICROELECTRONICS-M48Z2M1V-70PL1 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1V-85PL1 STMICROELECTRONICS-M48Z2M1V-85PL1 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z2M1V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1 STMICROELECTRONICS-M48Z2M1 Datasheet
102Kb / 12P
   16 Mb 2Mb x 8 ZEROPOWER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
   5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com