Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z32V Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z32V Datasheet HTML 1Page - STMicroelectronics M48Z32V Datasheet HTML 2Page - STMicroelectronics M48Z32V Datasheet HTML 3Page - STMicroelectronics M48Z32V Datasheet HTML 4Page - STMicroelectronics M48Z32V Datasheet HTML 5Page - STMicroelectronics M48Z32V Datasheet HTML 6Page - STMicroelectronics M48Z32V Datasheet HTML 7Page - STMicroelectronics M48Z32V Datasheet HTML 8Page - STMicroelectronics M48Z32V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
M48Z32V
Summary
5/19
1
Summary
The M48Z32V ZEROPOWER® RAM is a 32K x 8, non-volatile static RAM that integrates
power-fail deselect circuitry and battery control logic on a single die.
The 44-pin, 330mil SOIC provides a battery pin for an external, user-supplied battery. This is
all that is required to fully non-volatize the SRAM.
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A14
Address inputs
DQ0-DQ7
Data inputs / outputs
E
Chip enable input
G
Output enable input
W
WRITE enable input
VCC
Supply voltage
VSS
Ground
B +
Positive battery pin
NC
Not connected
AI04787
15
A0-A14
W
DQ0-DQ7
VCC
M48Z32V
G
VSS
8
B +
E


Similar Part No. - M48Z32V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1 STMICROELECTRONICS-M48Z32V-35MT1 Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1F STMICROELECTRONICS-M48Z32V-35MT1F Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1TR STMICROELECTRONICS-M48Z32V-35MT1TR Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
More results

Similar Description - M48Z32V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
   5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com