Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4601 Datasheet HTML 1Page - STMicroelectronics TS4601 Datasheet HTML 2Page - STMicroelectronics TS4601 Datasheet HTML 3Page - STMicroelectronics TS4601 Datasheet HTML 4Page - STMicroelectronics TS4601 Datasheet HTML 5Page - STMicroelectronics TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TS4601
Typical application schematics
5/28
C3
INR+
Right audio channel positive input signal.
D3
SDA
I²C signal data. Up to VCC tolerant input.
D2
SCL
I²C clock signal. Up to VCC tolerant input.
Table 4.
Component description for the TS4601
Component
Value
Description
Cs
1µF
Decoupling capacitors for VCC and PVCC. Two 1µF capacitors are enough for
proper decoupling of TS4601. X5R dielectric and 10V rating voltage is
recommended to minimize
ΔC/ΔV when VCC=5V.
Must be placed as close as possible to the TS4601 to minimize parasitic
inductance and resistance.
C12
1µF
Capacitor for internal negative power supply operation. X5R dielectric and 10V
rating voltage is recommended to minimize
ΔC/ΔV when VCC=5V.
Must be placed as close as possible to the TS4601 to minimize parasitic
inductance and resistance.
CSS
2.2µF
Filtering capacitor for internal negative power supply. X5R dielectric and 10V
rating voltage is recommended to minimize
ΔC/ΔV when VCC = 5V.
Cin
Input coupling capacitor that forms with Zin, a first order high pass filter with a
-3dB cut-off frequency FC. Zin is 12kΩ typical and independent of the gain
setting.
For example FC = 13Hz, Cin = 1µF and for FC = 6Hz, Cin = 2.2µF
Cout
0.8nF to 100nF
Output capacitor of 0.8nF minimum to 100nF maximum. This capacitor is
mandatory for operation of the TS4601.
Rout
12
Ω min.
Output resistor in series with the TS4601 output. This 12
Ωminimum resistor is
mandatory for operation of the TS4601.
Table 3.
Pin description for the TS4601 (continued)
Pin number
Pin name
Pin definition
Cin
1
2
πZinFc
------------------------
=


Similar Part No. - TS4601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601B STMICROELECTRONICS-TS4601B Datasheet
637Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
TS4601BEIJT STMICROELECTRONICS-TS4601BEIJT Datasheet
637Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
More results

Similar Description - TS4601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601B STMICROELECTRONICS-TS4601B Datasheet
637Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4956 STMICROELECTRONICS-TS4956 Datasheet
1Mb / 51P
   Stereo audio amplifier system with I2C bus interface
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
   Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
   High-performance class-G stereo headphone amplifier
March 2014 Rev 1
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
   High-performance class-G stereo headphone amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com