Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC74D Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC74D
Description  RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC74D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC74D Datasheet HTML 2Page - STMicroelectronics M54HC74D Datasheet HTML 3Page - STMicroelectronics M54HC74D Datasheet HTML 4Page - STMicroelectronics M54HC74D Datasheet HTML 5Page - STMicroelectronics M54HC74D Datasheet HTML 6Page - STMicroelectronics M54HC74D Datasheet HTML 7Page - STMicroelectronics M54HC74D Datasheet HTML 8Page - STMicroelectronics M54HC74D Datasheet HTML 9Page - STMicroelectronics M54HC74D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M54HC74
6/12
Figure 4: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
Figure 5: Waveform - nCK To nQ, nQ Propagation Delay Times, and To nCK Setup And Hold
Times, nCK Minimum Pulse Width, Maximum nCK Frequency (f=1MHz; 50% duty cycle)


Similar Part No. - M54HC74D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC74D STMICROELECTRONICS-M54HC74D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC74D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109_04 Datasheet
177Kb / 10P
   RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC73 STMICROELECTRONICS-M54HC73_04 Datasheet
317Kb / 11P
   RAD HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC112 STMICROELECTRONICS-M54HC112_04 Datasheet
254Kb / 11P
   RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC273 STMICROELECTRONICS-M54HC273_04 Datasheet
181Kb / 10P
   RAD-HARD OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC175 STMICROELECTRONICS-M54HC175_04 Datasheet
268Kb / 10P
   RAD-HARD QUAD D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com