Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 7Page - STMicroelectronics TS4962_07 Datasheet HTML 8Page - STMicroelectronics TS4962_07 Datasheet HTML 9Page - STMicroelectronics TS4962_07 Datasheet HTML 10Page - STMicroelectronics TS4962_07 Datasheet HTML 11Page - STMicroelectronics TS4962_07 Datasheet HTML 12Page - STMicroelectronics TS4962_07 Datasheet HTML 13Page - STMicroelectronics TS4962_07 Datasheet HTML 14Page - STMicroelectronics TS4962_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TS4962
Electrical characteristics
11/46
Table 6.
Electrical characteristics at VCC = +4.2V with GND = 0V, Vicm = 2.1V, and
Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
2.1
3
mA
ISTBY
Standby current (2)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
325
mV
Pout
Output power, G=6dB
THD = 1% Max, f = 1kHz, RL = 4Ω
THD = 10% Max, f = 1kHz, RL = 4Ω
THD = 1% Max, f = 1kHz, RL = 8Ω
THD = 10% Max, f = 1kHz, RL = 8Ω
1.5
1.95
0.9
1.1
W
THD + N
Total harmonic distortion + noise
Pout = 600 mWRMS, G = 6dB, 20Hz < f < 20kHz
RL = 8Ω + 15µH, BW < 30kHz
Pout = 700mWRMS, G = 6dB, f = 1kHz
RL = 8Ω + 15µH, BW < 30kHz
2
0.35
%
Efficiency
Efficiency
Pout = 1.45 WRMS, RL = 4Ω +≥ 15µH
Pout = 0.9 WRMS, RL = 8Ω+≥ 15µH
78
88
%
PSRR
Power supply rejection ratio with inputs grounded (3)
f = 217Hz, RL = 8Ω, G=6dB, Vripple = 200mVpp
63
dB
CMRR
Common mode rejection ratio
f = 217Hz, RL = 8Ω, G = 6dB, ΔVic = 200mVpp
57
dB
Gain
Gain value (Rin in kΩ)V/V
RSTBY
Internal resistance from standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator base frequency
200
280
360
kHz
SNR
Signal to noise ratio (A-weighting)
Pout = 0.8W, RL = 8Ω
85
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
10
ms
273k
Ω
R
in
-----------------
300k
Ω
R
in
-----------------
327k
Ω
R
in
-----------------


Similar Part No. - TS4962_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962IJT STMICROELECTRONICS-TS4962IJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 41P
   3W filter-free class D audio power amplifier
More results

Similar Description - TS4962_07

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com