Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC243 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC243
Description  QUAD BUS TRANSCEIVER (3 - STATE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC243 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC243 Datasheet HTML 2Page - STMicroelectronics M74HC243 Datasheet HTML 3Page - STMicroelectronics M74HC243 Datasheet HTML 4Page - STMicroelectronics M74HC243 Datasheet HTML 5Page - STMicroelectronics M74HC243 Datasheet HTML 6Page - STMicroelectronics M74HC243 Datasheet HTML 7Page - STMicroelectronics M74HC243 Datasheet HTML 8Page - STMicroelectronics M74HC243 Datasheet HTML 9Page - STMicroelectronics M74HC243 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M74HC243
6/11
TEST CIRCUIT
CL = 50pF/150pF or equivalent (includes jig and probe capacitance)
R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1 : PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND


Similar Part No. - M74HC243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
M74HC243B1R STMICROELECTRONICS-M74HC243B1R Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
M74HC243C1R STMICROELECTRONICS-M74HC243C1R Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
M74HC243F1R STMICROELECTRONICS-M74HC243F1R Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
M74HC243M1R STMICROELECTRONICS-M74HC243M1R Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
More results

Similar Description - M74HC243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
   3-State Quad Bus Transceiver
logo
NXP Semiconductors
74HC243N PHILIPS-74HC243N Datasheet
92Kb / 17P
   Quad bus transceiver; 3-state
Rev. 03-12 November 2004
logo
STMicroelectronics
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
   Quad Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com