Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3686-1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3686-1
Description  USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3686-1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3686-1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3686-1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AAT3686
USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
BatteryManager
TM
PRODUCT DATASHEET
3686.2007.12.1.11
11
www .analogictech.com
Battery Preconditioning
Before the start of charging, the AAT3686 checks sev-
eral conditions in order to assure a safe charging envi-
ronment. The input supply must be above the minimum
operating voltage, or under-voltage lockout threshold
(VUVLO), for the charging sequence to begin. Also, the cell
temperature, as reported by a thermistor connected to
the TS pin from the battery, must be within the proper
window for safe charging. When these conditions have
been met and a battery is connected to the BAT pin, the
AAT3686 checks the state of the battery. If the cell volt-
age is below the preconditioning voltage threshold
(VMIN), the AAT3686 begins preconditioning the cell.
The battery preconditioning trickle charge current is
equal to the fast charge constant current divided by 10
(USBL divided by 2). For example, if the programmed
fast charge current is 500mA, then the preconditioning
mode (trickle charge) current will be 50mA. Cell precon-
ditioning is a safety precaution for a deeply discharged
battery and also aids in limiting power dissipation in the
pass transistor when the voltage across the device is at
the greatest potential.
Fast Charge / Constant Current Charging
Cell preconditioning continues until the voltage on the
BAT pin exceeds the preconditioning voltage threshold
(VMIN). At this point, the AAT3686 begins the constant
current fast charging phase. The fast charge constant
current (ICC) amplitude is determined by the charge
mode, ADP, USBH or USBL, and is programmed by the
user via the RSET, RSETH, and RSETL resistors. The AAT3686
remains in constant current charge mode until the bat-
tery reaches the voltage regulation point, VBAT.
Constant Voltage Charging
The system transitions to a constant voltage charging
mode when the battery voltage reaches the output
charge regulation threshold (VBAT) during the constant
current fast charge phase. The regulation voltage level
is factory programmed to 4.2V (±1%). Charge current
in the constant voltage mode drops as the battery cell
under charge reaches its maximum capacity.
End of Charge Cycle Termination
and Recharge Sequence
When the charge current drops to 7.5% (35% for USBL)
of the programmed fast charge current level in the con-
stant voltage mode, the device terminates charging and
goes into a standby state. The charger will remain in a
standby state until the battery voltage decreases to a
level below the battery recharge voltage threshold
(VRCH).
When the input supply is disconnected or drops below
UVLO or EN = 0, the charger will automatically enter
power-saving sleep mode. Consuming an ultra-low
0.3µA in sleep mode (1µA for AAT3686-1), the AAT3686
minimizes battery drain when it is not charging. This
feature is particularly useful in applications where the
input supply level may fall below the battery charge or
under-voltage lockout level. In such cases where the
AAT3686 input voltage drops, the device will enter sleep
mode and automatically resume charging once the input
supply has recovered from its fault condition.
Preconditioning
Trickle Charge
Phase
Constant Current
Charge Phase
Constant Voltage
Charge Phase
Charge Complete Voltage
Constant Current Mode
Voltage Threshold
Regulated Current
Trickle Charge and
Termination Threshold
I = CC / 10
I = Max CC
Figure 1: Current vs. Voltage Profile During Charging Phases.


Similar Part No. - AAT3686-1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686IRN-4.2-T1 AAT-AAT3686IRN-4.2-T1 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686IXN-4.2-1-T1 AAT-AAT3686IXN-4.2-1-T1 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686IXN-4.2-T1 ANALOGICTECH-AAT3686IXN-4.2-T1 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3686-1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3684 ANALOGICTECH-AAT3684 Datasheet
285Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681A ANALOGICTECH-AAT3681A Datasheet
209Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com