Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T820-600W Datasheet(PDF) 1 Page - STMicroelectronics

Part # T820-600W
Description  8A SNUBBERLESSTM TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T820-600W Datasheet(HTML) 1 Page - STMicroelectronics

  T820-600W Datasheet HTML 1Page - STMicroelectronics T820-600W Datasheet HTML 2Page - STMicroelectronics T820-600W Datasheet HTML 3Page - STMicroelectronics T820-600W Datasheet HTML 4Page - STMicroelectronics T820-600W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
T820W
T830W
®
March 2004 - Ed: 2
8A SNUBBERLESS™ TRIAC
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (Full sine wave)
Tc= 100°C
8
A
ITSM
Non repetitive surge peak on-state
current (Full cycle, Tj initial = 25°C )
F = 50Hz
t = 20ms
100
A
F = 60Hz
t = 16.7ms
105
I
2tI2t Value for fusing
tp = 10 ms
55
A
2s
dI/dt
Critical rate of rise of on-state current
IG =2xIGT,tr
≤ 100ns
F = 120 Hz
Tj = 125°C
50
A/
µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10ms
Tj = 25°C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40to+150
-40to+125
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600 and 800
V
IGT
20 to 30
mA
MAIN FEATURES
ISOWATT220AB
(Plastic)
A1
A2
G
G
A2
A1
Based on ST’ Snubberless technology providing high
commutation performances, the T820-600W/800W
are specially recommended for use on inductive
loads, thanks to their high commutation perfor-
mances, such as washing-machines drum motor
controllers. They comply with UL standards (ref.
E81734).
DESCRIPTION


Similar Part No. - T820-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820-600W STMICROELECTRONICS-T820-600W Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
T820-600W STMICROELECTRONICS-T820-600W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
logo
Kersemi Electronic Co.,...
T820-600W KERSEMI-T820-600W Datasheet
418Kb / 5P
   TRIAC
More results

Similar Description - T820-600W

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
   8A TRIAC
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
   TRIAC 600V,8A
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
   600V - 8A - Triac
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
   800V - 8A - Triac
BCR8FM-20LA RENESAS-BCR8FM-20LA Datasheet
779Kb / 8P
   1000V - 8A - Triac
logo
Sanken electric
TM841M-L SANKEN-TM841M-L Datasheet
58Kb / 2P
   TO-220 8A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
   TO-220F 8A Triac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com