Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC08 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCC08
Description  AC switch failure mode detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08 Datasheet(HTML) 4 Page - STMicroelectronics

  STCC08 Datasheet HTML 1Page - STMicroelectronics STCC08 Datasheet HTML 2Page - STMicroelectronics STCC08 Datasheet HTML 3Page - STMicroelectronics STCC08 Datasheet HTML 4Page - STMicroelectronics STCC08 Datasheet HTML 5Page - STMicroelectronics STCC08 Datasheet HTML 6Page - STMicroelectronics STCC08 Datasheet HTML 7Page - STMicroelectronics STCC08 Datasheet HTML 8Page - STMicroelectronics STCC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STCC08
4/13
Table 5.
Electrical characteristics
Symbol
Pin
Name
Conditions
Min
Typ
Max
Unit
Switch drive (respect to GND, Tj=25 °C unless otherwise specified, RIG=30 Ω)
IQUIESCENT VCC Quiescent current
IN = GND
2
mA
VON
IN
On-state switch
activation voltage
0.7*VCC
V
VOFF
IN
Off-state switch
release voltage
0.3*VCC
V
IIN
IN
Input drive current
Vin > Von
50
µA
IG
G
Gate drive current
Vin > Von
20
28
mA
IAC
AC
Detection threshold
82
236
µA
Status output (respect to GND, Tj=25 °C unless otherwise specified)
VOH
AVF
Minimum output
voltage
IAVF = 50 µA
0.7*VCC
V
VOL
AVF
Maximum drop voltage
IAVF = 50 µA
(CMOS Compatible)
0.3*VCC
V
IAVF = 5 mA
(Opto-transistor
compatible)
1V
Table 6.
Thermal resistance
Symbol
Parameter name and conditions
Value
Unit
RTH (j-a)
SMD Thermal resistance Junction to Ambient
140
°C/W
Table 7.
System related electromagnetic compatibility ratings
Symbol
Node
Pin
Parameter name and conditions
Value
Unit
VESD
Neutral
VCC
ESD protection, IEC 61000-4-2, per input, against air
discharge
±8
kV
G
Gate through ACS; ESD protection, IEC 61000-4-2, pin to
ground, against air discharge
Line
AC
Alternating current through RAC = 300 kΩ; ESD protection,
IEC 61000-4-2, pin to ground, against air discharge
VESD
Neutral
VCC
ESD protection, IEC 61000-4-2, pin to ground, for contact
discharge(1)
1.
System oriented test circuits - see Application note AN2716
±6
kV
VPPB
Neutral
VCC Total Peak Pulse Voltage Burst, IEC 61000-4-4
(1)
±4
kV
G
Gate through ACS; Total Peak Pulse Voltage Burst, IEC
61000-4-4 (1)
Line
AC
Alternating current through RAC; Total Peak Pulse Voltage
Burst, IEC 61000-4-4(1)


Similar Part No. - STCC08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
   CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
   CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
   HOME APPLIANCE CONTROL CIRCUIT
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
   HOME APPLIANCE CONTROL CIRCUIT
More results

Similar Description - STCC08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
   Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
Microchip Technology
TC670 MICROCHIP-TC670_03 Datasheet
342Kb / 14P
   Tiny Predictive Fan Failure Detector
2003
TC670 MICROCHIP-TC670 Datasheet
469Kb / 12P
   Tiny Predictive Fan Failure Detector
2002
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
   Detector Switch
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
   Detector Switch
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
   Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
   Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SSCUL10200 ALPS-SSCUL10200 Datasheet
266Kb / 2P
   Detector Switch
logo
SHINMEI ELECTRIC CO., L...
SSS-57-1 SHINMEI-SSS-57-1 Datasheet
444Kb / 2P
   Detector Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com