Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC08RL Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCC08RL
Description  AC switch failure mode detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08RL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCC08RL Datasheet HTML 4Page - STMicroelectronics STCC08RL Datasheet HTML 5Page - STMicroelectronics STCC08RL Datasheet HTML 6Page - STMicroelectronics STCC08RL Datasheet HTML 7Page - STMicroelectronics STCC08RL Datasheet HTML 8Page - STMicroelectronics STCC08RL Datasheet HTML 9Page - STMicroelectronics STCC08RL Datasheet HTML 10Page - STMicroelectronics STCC08RL Datasheet HTML 11Page - STMicroelectronics STCC08RL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application information
STCC08
8/13
3
Application information
Figure 5.
Application example with an MCU direct drive + ACS
The placement of a 100 nF capacitor between VCC and GND close to the STCC08 is
advised. SW is an electromechanical switch that is part of the application design, for
example, the water sensor in a washing machine.
3.1
Recommendations
The STCC08 is designed for 5 and 10 mA ACSs, ACSTs and TRIACs.
STCC08 basic application
The microcontroller reads the AC switch state from the AVF output of the STCC08. The
microcontroller can power-off the application driving a front-end relay.
Figure 6.
Non-insulated application
AVF
V
CC
GND
R
IG
AC
IN
G
POWER SWITCH
SIGNAL SHAPING
AVF DRIVER
GATE DRIVER
+
-
MCU
3.3V to 5V
V
CC
V
CC
AVF
GND
LOAD
LINE
NEUTRAL
ACS
AVF
V
CC
GND
R
IG
AC
IN
G
POWER SWITCH
SIGNAL SHAPING
AVF DRIVER
GATE DRIVER
+
-
MCU
3.3V to 5V
V
CC
V
CC
AVF
GND
LOAD
NEUTRAL
SAFETY TURN OFF
ACS
LINE
FRONT END RELAY


Similar Part No. - STCC08RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
   CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
   CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
   HOME APPLIANCE CONTROL CIRCUIT
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
   HOME APPLIANCE CONTROL CIRCUIT
More results

Similar Description - STCC08RL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
   Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
Microchip Technology
TC670 MICROCHIP-TC670_03 Datasheet
342Kb / 14P
   Tiny Predictive Fan Failure Detector
2003
TC670 MICROCHIP-TC670 Datasheet
469Kb / 12P
   Tiny Predictive Fan Failure Detector
2002
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
   Detector Switch
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
   Detector Switch
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
   Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
   Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SSCUL10200 ALPS-SSCUL10200 Datasheet
266Kb / 2P
   Detector Switch
logo
SHINMEI ELECTRIC CO., L...
SSS-57-1 SHINMEI-SSS-57-1 Datasheet
444Kb / 2P
   Detector Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com