Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP2NC70ZFP Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP2NC70ZFP
Description  N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2NC70ZFP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP2NC70ZFP Datasheet HTML 5Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 6Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 7Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 8Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 9Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 10Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 11Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 12Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
STP2NC70Z, STP2NC70ZFP, STD1NC70Z, STD1NC70Z-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


Similar Part No. - STP2NC70ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
STP2NC60FP STMICROELECTRONICS-STP2NC60FP Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
More results

Similar Description - STP2NC70ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC70Z STMICROELECTRONICS-STD2NC70Z Datasheet
447Kb / 10P
   N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
   N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP5NC70Z STMICROELECTRONICS-STP5NC70Z Datasheet
348Kb / 12P
   N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
   N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP3NC70Z STMICROELECTRONICS-STP3NC70Z Datasheet
324Kb / 10P
   N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH?줚II MOSFET
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP6NC80Z STMICROELECTRONICS-STP6NC80Z Datasheet
511Kb / 13P
   N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STP6NC90Z STMICROELECTRONICS-STP6NC90Z Datasheet
532Kb / 13P
   N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
July 2002
STP5NC90Z STMICROELECTRONICS-STP5NC90Z Datasheet
516Kb / 13P
   N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com