Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C1802048L-100T Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V62C1802048L-100T
Description  Ultra Low Power 256K x 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1802048L-100T Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V62C1802048L-100T Datasheet HTML 1Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1802048L-100T Datasheet HTML 9Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
2
3
4
5
6
7
8
9
16
15
14
13
12
11
10
A8
A9
A11
A13
WE
CE2
A15
Vcc
A17
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
17
18
19
20
21
22
23
CE1
A10
OE
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
Cell Array
INPUT BUFFER
COLUMN DECODER
CONTROL
CIRCUIT
I/O8
I/O1
OE
WE
CE1
CE2
A8
A7
A6
A5
A4
A3
A2
A1
A0
A9
A10
A11
A12
A13
A14
A15
A16
A17
V62C1802048L(L)
Ultra Low Power
256K x 8 CMOS SRAM
Features
• Low-power consumption
- Active: 25mA at 70ns
- Stand-by: 10
µA (CMOS input/output)
2
µA CMOS input/output, L version
• Single + 1.8 to 2.2V Power Supply
• Equal access and cycle time
• 70/85/100/150 ns access time
• Easy memory expansion with CE1, CE2
and OE inputs
• 1.0V data retention mode
• TTL compatible, Tri-state input/output
• Automatic power-down when deselected
• Package available: 32-TSOP1 / STSOP
Functional Description
The V62C1802048L is a low power CMOS Static RAM orga-
nized as 262,144 words by 8 bits. Easy memory expansion is p-
rovided by an active LOW CE1 , an active HIGH CE2, an act-
ive LOW OE , and Tri-state I/O’s. This device has an auto-
matic power-down mode feature when deselected.
Writing to the device is accomplished by taking Chip E-
nable 1 (CE1) with Write Enable (WE) LOW, and Chip En-
able 2 (CE2) HIGH. Reading from the device is performed
by taking Chip Enable 1 (CE1) with Output Enable
(OE ) LOW while Write Enable (WE ) and Chip Enable 2
(CE2) is HIGH. The I/O pins are placed in a high-imped-
ance state when the device is deselected: the outputs are
disabled during a write cycle.
The V62C1802048LL comes with a 1V data retention feature
and Lower Standby Power. The V62C1802048L is available in
a 32-pin 8 x 13.4 & 8 x 20 mm TSOP1 / STSOP packages.
32-Pin TSOP1 / STSOP
Logic Block Diagram
REV. 1.2 May 2001 V62C1802048L(L)
1


Similar Part No. - V62C1802048L-100T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100B MOSEL-V62C1801024L-100B Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100T MOSEL-V62C1801024L-100T Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100V MOSEL-V62C1801024L-100V Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-150B MOSEL-V62C1801024L-150B Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results

Similar Description - V62C1802048L-100T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com