Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C3161024L Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V62C3161024L
Description  Ultra Low Power 64K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C3161024L Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V62C3161024L Datasheet HTML 1Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 2Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 3Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 4Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 5Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 6Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 7Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 8Page - Mosel Vitelic, Corp V62C3161024L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
V62C3161024L(L)
Parameter
Sym
Unit
Note
Read Cycle Time
tRC
55
-
70
-
85
-
100
-
ns
Address Access Time
tAA
-
55
-
70
-
85
-
100
ns
Chip Enable Access Time
tACE
-
55
-
70
-
85
-
100
ns
Output Enable Access Time
tOE
-
35
-
40
-
40
-
50
ns
Output Hold from Address Change
tOH
10
-
10
-
10
-
10
-
ns
Chip Enable to Output in Low-Z
tLZ
10
-
10
-
10
-
10
-
ns
4,5
Chip Disable to Output in High-Z
tHZ
-
25
-
30
-
35
-
40
ns
3,4,5
Output Enable to Output in Low-Z
tOLZ
5
-
5
-
5
-
5
-
ns
Output Disable to Output in High-Z
tOHZ
-
25
-
25
-
30
-
35
ns
BLE, BHE Enable to Output in Low-Z
tBLZ
5
-
5
-
5
-
5
-
ns
4,5
BLE, BHE Disable to Output in High-Z
tBHZ
-
25
-
25
-
30
-
35
ns
3,4,5
BLE, BHE Access Time
tBA
-
35
-
40
-
40
-
50
ns
Read Cycle (9) (Vcc = 3.0V+0.3V, Gnd = 0V, TA = 0
0C to +700C / -400C to +850C)
Write Cycle (11) (Vcc = 3.0V+0.3V, Gnd = 0V, TA = 0
0C to +700C / -400C to +850C)
Parameter
Symbol
Unit
Note
Write Cycle Time
tWC
55
-
70
-
85
-
100
-
ns
Chip Enable to Write End
tCW
50
-
60
-
70
-
80
-
ns
Address Setup to Write End
tAW
50
-
60
-
70
-
80
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
0
-
ns
Write Pulse Width
tWP
45
-
50
-
60
-
70
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
0
-
ns
Data Valid to Write End
tDW
25
-
30
-
35
-
40
-
ns
Data Hold Time
tDH
0
-
0
-
0
-
0
-
ns
Write Enable to Output in High-Z
tWHZ
-
25
-
30
-
35
-
40
ns
Output Active from Write End
tOW
5
-
5
-
5
-
5
-
ns
BLE, BHE Setup to Write End
tBW
50
-
60
-
70
-
80
-
ns
Min Max Min Max Min Max Min Max
-55
-70
-85
-100
4
Min Max Min Max Min Max Min Max
-55
-70
-85
-100
REV. 1.1 April 2001 V62C3161024L(L)


Similar Part No. - V62C3161024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L-100T MOSEL-V62C3162048L-100T Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L-35T MOSEL-V62C3162048L-35T Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L-45T MOSEL-V62C3162048L-45T Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L-55T MOSEL-V62C3162048L-55T Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
More results

Similar Description - V62C3161024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com