Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7495S Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7495S
Description  11W 11W AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7495S Datasheet HTML 2Page - STMicroelectronics TDA7495S Datasheet HTML 3Page - STMicroelectronics TDA7495S Datasheet HTML 4Page - STMicroelectronics TDA7495S Datasheet HTML 5Page - STMicroelectronics TDA7495S Datasheet HTML 6Page - STMicroelectronics TDA7495S Datasheet HTML 7Page - STMicroelectronics TDA7495S Datasheet HTML 8Page - STMicroelectronics TDA7495S Datasheet HTML 9Page - STMicroelectronics TDA7495S Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TDA7495S
6/10
Figure 5. Output Power vs Supply Voltage
Figure 6. Distortion vs Output Power
Figure 7. Stand-by Attenuation vs Vpin #9
Figure 8. Mute Attenuation vs V pin #10
Figure 9. Power dissipation vs Output Power
Figure 10. Power dissipation vs Output Power
D97AU561
10
12
14
16
18
20
22
24 VS(V)
0
2
4
6
8
10
12
14
POUT
(W)
RL=4Ω
d=10%
d=1%
02
4
6
POUT(W)
0.01
0.1
1
d
(%)
D97AU562
f=15KHz
VS=20V
RL=4Ω
f=1KHz
0
1
2
3
4 Vpin#9(V)
-120
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU565
0dB=1W
0
1
2
3
4 Vpin#10(V)
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU566
0dB=1W
0.1
1
10 POUT(W)
0
2
4
6
8
PDISS
(W)
D97AU567
VS=14V
VS=18V
VS=24V
RL=2 x 8Ω
f=1KHz
10
VS=28V
0.1
1
10 POUT(W)
0
4
8
12
16
PDISS
(W)
D97AU568
VS=20V
VS=26V
RL=2 x 4Ω
f=1KHz


Similar Part No. - TDA7495S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
   11W11W AMPLIFIER
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
331Kb / 15P
   11 W 11 W amplifier with DC volume control
TDA7495SA STMICROELECTRONICS-TDA7495SA_07 Datasheet
331Kb / 15P
   11 W 11 W amplifier with DC volume control
More results

Similar Description - TDA7495S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
   11W11W AMPLIFIER
TDA7495 STMICROELECTRONICS-TDA7495 Datasheet
226Kb / 12P
   11W11W AMPLIFIER WITH DC VOLUME CONTROL
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
logo
XFMRS Inc.
XF1556-EP13S XFMRS-XF1556-EP13S Datasheet
55Kb / 1P
   11W POE TRANSFORMER
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
[Old version datasheet]   LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
   Stereo 11W Audio Power Amplifier with Mute
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com