Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4280A-4 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT4280A-4
Description  Slew Rate Controlled Load Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4280A-4 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT4280A-4 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4280A-4 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AAT4280A
Slew Rate Controlled Load Switch
SmartSwitch
TM
PRODUCT DATASHEET
4280A.2008.04.1.5
7
www .analogictech.com
AAT4280A
Slew Rate Controlled Load Switch
SmartSwitch
TM
PRODUCT DATASHEET
4280A.2008.04.1.5
7
www .analogictech.com
Typical Characteristics—AAT4280A-2
Unless otherwise noted, VIN = 5V, TA = 25°C.
AAT4280A-2 Turn-On
(VIN = 3V; RIN = 6
Ω)
Time (5
μs/div)
ON/OFF (5V/div)
VOUT (2V/div)
IIN (200mA/div)
AAT4280A-2 Turn-On
(VIN = 5V; RL = 10
Ω)
Time (5
μs/div)
ON/OFF (5V/div)
VOUT (2V/div)
IIN (200mA/div)
AAT4280A-2 Turn-Off
(VIN = 3V; RL = 6
Ω)
Time (5
μs/div)
ON/OFF (5V/div)
VOUT (2V/div)
IIN (200mA/div)
AAT4280A-2 Turn-Off
(VIN = 5V; RL = 10
Ω)
Time (5
μs/div)
ON/OFF (5V/div)
VOUT (2V/div)
IIN (200mA/div)


Similar Part No. - AAT4280A-4

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280AIJS-1-T1 ANALOGICTECH-AAT4280AIJS-1-T1 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280AIJS-2-T1 ANALOGICTECH-AAT4280AIJS-2-T1 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280AIJS-3-T1 ANALOGICTECH-AAT4280AIJS-3-T1 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4280A-4

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com