Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM2CY82W Datasheet(PDF) 2 Page - SunLED Corporation

Part # ZM2CY82W
Description  5.0mm x 6.0mm SURFACE MOUNT LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZM2CY82W Datasheet(HTML) 2 Page - SunLED Corporation

  ZM2CY82W Datasheet HTML 1Page - SunLED Corporation ZM2CY82W Datasheet HTML 2Page - SunLED Corporation ZM2CY82W Datasheet HTML 3Page - SunLED Corporation ZM2CY82W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.SunLED.com
Part Number:
ZM2CY82W
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
Published Date : MAR 03,2008
Drawing No : SDSA6406
V1
Checked : B.L.LIU
P.2/4
M2CY
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<
無>
日期︰2008.03.03
14:26:00 +08'00'


Similar Part No. - ZM2CY82W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2CY81W-1 SUNLED-ZM2CY81W-1 Datasheet
189Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2CY88W SUNLED-ZM2CY88W Datasheet
194Kb / 4P
   3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - ZM2CY82W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAAF5060BESEEVGA KINGBRIGHT-AAAF5060BESEEVGA Datasheet
245Kb / 7P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAAF5060BESUVGAC KINGBRIGHT-AAAF5060BESUVGAC Datasheet
239Kb / 7P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAA5060SEEVGAPBEC KINGBRIGHT-AAA5060SEEVGAPBEC Datasheet
265Kb / 7P
   5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CRBGG82W SUNLED-ZM2CRBGG82W Datasheet
239Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AAA5060SURVGAPBEC KINGBRIGHT-AAA5060SURVGAPBEC Datasheet
274Kb / 7P
   5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
AAA5060SYEVGEC KINGBRIGHT-AAA5060SYEVGEC Datasheet
199Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CRCY82W SUNLED-ZM2CRCY82W Datasheet
241Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AAA5060SUREVGEC KINGBRIGHT-AAA5060SUREVGEC Datasheet
199Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
AAF5060PBESEEVGA KINGBRIGHT-AAF5060PBESEEVGA Datasheet
197Kb / 6P
   5.0mm x 6.0mm FULL COLOR LED LAMP
AAF5060PBESURVGA KINGBRIGHT-AAF5060PBESURVGA Datasheet
202Kb / 6P
   5.0mm x 6.0mm FULL COLOR LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com