Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4075 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4075
Description  RAD-HARD TRIPLE 3-INPUT OR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4075 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4075_04 Datasheet HTML 1Page - STMicroelectronics M54HC4075_04 Datasheet HTML 2Page - STMicroelectronics M54HC4075_04 Datasheet HTML 3Page - STMicroelectronics M54HC4075_04 Datasheet HTML 4Page - STMicroelectronics M54HC4075_04 Datasheet HTML 5Page - STMicroelectronics M54HC4075_04 Datasheet HTML 6Page - STMicroelectronics M54HC4075_04 Datasheet HTML 7Page - STMicroelectronics M54HC4075_04 Datasheet HTML 8Page - STMicroelectronics M54HC4075_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M54HC4075
2/9
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
PIN N°
SYMBOL
NAME AND FUNCTION
3, 1, 11
1A to 3A
Data Inputs
4, 2, 12
1B to 3B
Data Inputs
5, 8, 13
1C to 3C
Data Inputs
6, 9, 10
1Y to 3Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABCY
LLL
L
HX
X
H
XHX
H
XX
H
H
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C


Similar Part No. - M54HC4075_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4075D STMICROELECTRONICS-M54HC4075D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4075F1R STMICROELECTRONICS-M54HC4075F1R Datasheet
232Kb / 9P
   TRIPLE 3 INPUT OR GATE
M54HC4075K STMICROELECTRONICS-M54HC4075K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC4075_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
   RAD-HARD TRIPLE 3-INPUT NAND GATE
M54HC11 STMICROELECTRONICS-M54HC11_04 Datasheet
105Kb / 8P
   RAD-HARD TRIPLE 3-INPUT AND GATE
M54HC27 STMICROELECTRONICS-M54HC27_04 Datasheet
103Kb / 8P
   RAD-HARD TRIPLE 3-INPUT NOR GATE
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
   RAD-HARD QUAD 2-INPUT OR GATE
M54HC4072 STMICROELECTRONICS-M54HC4072_04 Datasheet
192Kb / 9P
   RAD-HARD DUAL 4-INPUT OR GATE
LEOAC32 STMICROELECTRONICS-LEOAC32 Datasheet
505Kb / 17P
   Rad-hard plastic quad two-input OR gate
January 2022 Rev 2
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
   TRIPLE 3 INPUT OR GATE
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
   Triple 3-input OR gate
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
   Triple 3-input OR gate
Rev. 4 - 4 February 2019
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
   RAD HARD QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com