Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4291IJS-1-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT4291IJS-1-T1
Description  I/O Expander Load Switches with Serial Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4291IJS-1-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT4291IJS-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4291IJS-1-T1 Datasheet HTML 12Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Applications Circuits
Figure 1: GPIO I/O Expander
(condense five GPIO control lines to one).
Figure 2: RGB LED Control
(eliminates three discrete MOSFET switches).
V
BATTERY
10
µF
1
µF
10
µF
R
R
R
G
R
B
B
R
G
ON/OFF
CLOCK
VIN
VOUT
C+
C-
GND
GND
IN
OUT1
OUT2
OUT3
EN/SET
SHDN
RGB LED
AAT3110IJS-5.0
SC70JW-8: 2x2mm
AAT4291IJS
SC70JW-8: 2x2mm
Function 1
Function 2
Function 3
Function 4
Function 5
System
µController
GPIO 1
VSUPPLY
1.8 to 5.5V
GPIO 2
GPIO 3
GPIO 4
GPIO 5
EN 1
EN 2
EN 3
EN 4
EN 5
GPIO 2
to
GPIO 5
are now free for
other uses
EN/SET
IN
OUT1
OUT2
OUT3
OUT4
OUT5
AAT4290
AAT4290/91
I/O Expander Load Switches with Serial Control
4290.2006.03.1.2
11


Similar Part No. - AAT4291IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4291IJS-1-T1 ANALOGICTECH-AAT4291IJS-1-T1 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4291IJS-1-T1 AAT-AAT4291IJS-1-T1 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results

Similar Description - AAT4291IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analogic Techn...
EV-101 ANALOGICTECH-EV-101 Datasheet
116Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
logo
SiGe Semiconductor, Inc...
AATIAN78 SIGE-AATIAN78 Datasheet
121Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com