Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP30NE06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP30NE06
Description  N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NE06 Datasheet(HTML) 2 Page - STMicroelectronics

  STP30NE06 Datasheet HTML 1Page - STMicroelectronics STP30NE06 Datasheet HTML 2Page - STMicroelectronics STP30NE06 Datasheet HTML 3Page - STMicroelectronics STP30NE06 Datasheet HTML 4Page - STMicroelectronics STP30NE06 Datasheet HTML 5Page - STMicroelectronics STP30NE06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
1. 87
5
oC/W
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature F or Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
30
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =30 V)
100
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
60
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rat ing
Tc =125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS ID = 250
µA
234
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V
ID = 15 A
0.042
0.050
ID(on)
On State Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
30
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =15 A
7
13
S
Ciss
Coss
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
1450
200
45
pF
pF
pF
STP30NE06/FP
2/6


Similar Part No. - STP30NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06LFP STMICROELECTRONICS-STP30NE06LFP Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
More results

Similar Description - STP30NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
   N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
   N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
   N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com