Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC138D Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC138D
Description  RAD HARD 3 TO 8 LINE DECODER (INVERTING)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC138D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC138D Datasheet HTML 2Page - STMicroelectronics M54HC138D Datasheet HTML 3Page - STMicroelectronics M54HC138D Datasheet HTML 4Page - STMicroelectronics M54HC138D Datasheet HTML 5Page - STMicroelectronics M54HC138D Datasheet HTML 6Page - STMicroelectronics M54HC138D Datasheet HTML 7Page - STMicroelectronics M54HC138D Datasheet HTML 8Page - STMicroelectronics M54HC138D Datasheet HTML 9Page - STMicroelectronics M54HC138D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M54HCT138
7/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
2.71
0.083
0.107
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.82
2.39
0.072
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
20.06
20.32
20.58
0.790
0.800
0.810
E
7.36
7.62
7.87
0.290
0.300
0.310
e
2.54
0.100
e1
17.65
17.78
17.90
0.695
0.700
0.705
e2
7.62
7.87
8.12
0.300
0.310
0.320
F
7.29
7.49
7.70
0.287
0.295
0.303
I
3.83
0.151
K
10.90
12.1
0.429
0.476
L
1.14
1.5
0.045
0.059
DILC-16 MECHANICAL DATA
0056437F


Similar Part No. - M54HC138D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC138D STMICROELECTRONICS-M54HC138D Datasheet
173Kb / 9P
   RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
M54HC138D STMICROELECTRONICS-M54HC138D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC138D1 STMICROELECTRONICS-M54HC138D1 Datasheet
173Kb / 9P
   RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
More results

Similar Description - M54HC138D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC138 STMICROELECTRONICS-M54HC138_04 Datasheet
173Kb / 9P
   RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
M54HC237 STMICROELECTRONICS-M54HC237_04 Datasheet
196Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER LATCH
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com