Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4298 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT4298
Description  Five/Six Channel Push/Pull I/O Expander
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4298 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT4298 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 13Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
These devices may also be used for load switching
applications, as well as I/O expansion. Since the
VCC is gated to each output through a slew rate lim-
ited low on-resistance switch, they are ideal for
controlling applications circuits with light load cur-
rent requirements. Such applications could include
simple LED function indicator lamps, RGB LED
fashion lighting, audio and RF circuits, or any other
system with a power requirement that does not
exceed the thermal dissipation limits of the load
switch and device package.
Each device push/pull output may be represented
by the following circuit and simplified equivalent
model (Figures 1 and 2):
Figure 1: Push/Pull Output Circuit.
Figure 2: Simplified Equivalent Model.
The state of each output is controlled via the
EN/SET pin using AnalogicTech's S2Cwire inter-
face. To enable a respective switch, a series of
clocked pulses should be applied to the EN/SET
pin. The number of pulses clocked will determine
the switch configuration based on the truth table
shown in Table 1. At the end of the serial pulse
data set, the EN/SET set pin should be held high
to then latch the clocked data and enable the
desired switch configuration. When the device is
enabled with the EN/SET held to a logic high state,
the device quiescent current consumption will typ-
ically increase to 3µA and normal ambient room
temperatures. If output sequencing of the switches
is not necessary, all of the outputs will be switched
on simultaneously on the first rising edge of the
EN/SET pin by simply pulling the EN/SET to a
logic high level. The default switch position for
one clock pulse is all switches "on." However, if
output sequencing is desired, a series of pulses on
the EN/SET pin will set the outputs to the desired
state (refer to Table 1 for output settings).
The AAT4296/98 offers two different options when
the switches are in the off state. For applications
with an active pull down or auto-discharge
requirement, the internal N-channel switch will
connect the output node to ground with a series
resistance of 2
Ω.
S2Cwire Serial Interface
The ON/OFF state of the output is controlled by the
EN/SET serial data input.
An internal control
counter is clocked on the rising edge of the
EN/SET pin and is decoded into the 32/64 possible
states (see Table 1).
3
Ω
2
Ω
V
CC
Control
OUT
OUT
V
CC
Control
AAT4296/98
Five/Six Channel Push/Pull I/O Expander
10
4296.2006.12.1.3


Similar Part No. - AAT4298

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4298 ANALOGICTECH-AAT4298 Datasheet
729Kb / 17P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analog Technol...
AAT4298 AAT-AAT4298 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
AAT4298IJQ-T1 AAT-AAT4298IJQ-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
AAT4298ITP-T1 AAT-AAT4298ITP-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
More results

Similar Description - AAT4298

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4296 AAT-AAT4296 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296 Datasheet
729Kb / 17P
   Five/Six Channel Push/Pull I/O Expander
logo
SiGe Semiconductor, Inc...
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com