Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC109M1R Datasheet(PDF) 10 Page - STMicroelectronics

Part # M74HC109M1R
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC109M1R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M74HC109M1R Datasheet HTML 4Page - STMicroelectronics M74HC109M1R Datasheet HTML 5Page - STMicroelectronics M74HC109M1R Datasheet HTML 6Page - STMicroelectronics M74HC109M1R Datasheet HTML 7Page - STMicroelectronics M74HC109M1R Datasheet HTML 8Page - STMicroelectronics M74HC109M1R Datasheet HTML 9Page - STMicroelectronics M74HC109M1R Datasheet HTML 10Page - STMicroelectronics M74HC109M1R Datasheet HTML 11Page - STMicroelectronics M74HC109M1R Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M74HC109
10/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
PO13H


Similar Part No. - M74HC109M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC109M1R STMICROELECTRONICS-M74HC109M1R Datasheet
249Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results

Similar Description - M74HC109M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
   Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
October 1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
August 2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
   Dual J-K Flip-Flop(with Preset and Clear)
logo
STMicroelectronics
M74HC73-1 STMICROELECTRONICS-M74HC73-1 Datasheet
323Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com