Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4611 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT4611
Description  Current Limited Load Switch in SOT23 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4611 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT4611 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
VIN = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ Max Units
VIN
Operation Voltage
2.7
5.5
V
IQ
Quiescent Current
VIN = 5V, ON (ON) = Active, IOUT = 0
15
30
µA
IQ(OFF)
Off-Supply Current
ON (ON) = Inactive, VIN = 5.5V
1
µA
ISD(OFF)
Off-Switch Current
ON (ON) = Inactive, VIN = 5.5V, VOUT = 0
0.03
15
µA
VUVLO
Under-Voltage Lockout
Rising Edge, 1% Hysteresis
2.0
2.3
2.7
V
VIN = 5.0V
160
180
RDS(ON)
On Resistance
VIN = 4.5V
165
m
Ω
VIN = 3.0V
195
230
ILIM
Current Limit
RSET = 6.8kΩ
0.75
1
1.25
A
ILIM(MIN)
Minimum Current Limit
130
195
mA
VON(L)
ON (ON) Input Low Voltage
0.8
V
VON(H)
ON (ON) Input High Voltage
VIN = 2.7V to 3.6V
2.0
V
VIN = 4.5V to 5.5V
2.4
ION(SINK)
ON (ON) Input Leakage
VON = 5.5V
0.01
1
µA
TRESP
Current Limit Response Time
VIN = 5V
0.8
µs
TOFF
Turn-Off Time
VIN = 5V, RL = 10Ω
0.4
2
µs
TON
Turn-On Time
VIN = 5V, RL = 10Ω
40
200
µs
AAT4611
Current Limited Load Switch in SOT23 Package
4
4611.2006.09.1.4


Similar Part No. - AAT4611

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4611 ANALOGICTECH-AAT4611 Datasheet
426Kb / 12P
   Current Limited Load Switch in SOT-23 Package
logo
Advanced Analog Technol...
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4611 SKYWORKS-AAT4611 Datasheet
1Mb / 10P
   Current Limited Load Switch in an SOT23 Package
May 7, 2012
logo
Advanced Analogic Techn...
AAT4611IGV-1-T1 ANALOGICTECH-AAT4611IGV-1-T1 Datasheet
426Kb / 12P
   Current Limited Load Switch in SOT-23 Package
AAT4611IGV-T1 ANALOGICTECH-AAT4611IGV-T1 Datasheet
426Kb / 12P
   Current Limited Load Switch in SOT-23 Package
More results

Similar Description - AAT4611

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
   Current Limited Load Switch in a SOT23 Package
logo
Advanced Analogic Techn...
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611 Datasheet
426Kb / 12P
   Current Limited Load Switch in SOT-23 Package
AAT4608 ANALOGICTECH-AAT4608 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com