Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4612IGV-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT4612IGV-T1
Description  Current Limited Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4612IGV-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT4612IGV-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4612IGV-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics
VIN = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C; bold values denote
full temperature range.
Symbol
Description
Conditions
Min
Typ
Max Units
VIN
Operation Voltage
2.4
5.5
V
IQ
Quiescent Current
VIN = 5V, ON = Active, IOUT = 0
10
20
µA
IQ(OFF)
Off Supply Current
ON = Inactive, VIN = 5.5V
1
µA
ISD(OFF)
Off Switch Current
ON = Inactive, VIN = 5.5V, VOUT = 0
0.1
1
µA
VUVLO
Under-Voltage Lockout
VIN Falling
1.9
V
VUVLO(hys)
Under-Voltage Lockout Hysteresis
0.3
V
RDS(ON)
On Resistance
VIN = 5.0V, TA = 25°C
130
175
m
Ω
VIN = 3.0V, TA = 25°C
170
225
ILIM
Current Limit
VOUT = VIN to 0.5V
1
1.5
2.0
A
VON(L)
ON Input Low Voltage
VIN = 2.7V to 5.5V1
0.8
V
VON(H)
ON Input High Voltage
VIN = 2.7V ≤ 4.2V
2.0
V
VIN = > 4.2V to 5.0V1
2.4
ION(SINK)
ON Input leakage
VON = 5.5V
0.01
1
µA
tRESP
Current Loop Response
VIN = 5V
500
ns
TOFF
Turn-Off Time
VIN = 5V, RL = 10Ω
2.5
µs
TON
Turn-On Time
VIN = 5V, RL = 10Ω
1µs
OTMP
Over-Temperature Shutdown
125
°C
AAT4612
Current Limited Load Switch
4
4612.2006.09.1.3
1. For VIN outside this range, consult typical ON threshold curve.


Similar Part No. - AAT4612IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4612IGV-T1 ANALOGICTECH-AAT4612IGV-T1 Datasheet
670Kb / 10P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4612IGV-T1 AAT-AAT4612IGV-T1 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results

Similar Description - AAT4612IGV-T1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com