Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4618IGV-1.0-1-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4618IGV-1.0-1-T1
Description  Current Limited Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4618IGV-1.0-1-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4618IGV-1.0-1-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4618IGV-1.0-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SmartSwitch
AAT4618
Current Limited Load Switch
4618.2006.05.1.2
1
General Description
The AAT4618 SmartSwitch is a member of
AnalogicTech's Application Specific Power MOS-
FET™ (ASPM™) product family. It is a current lim-
ited P-channel MOSFET power switch designed for
high-side load switching applications operating with
inputs ranging from 2.4V to 5.5V, making it ideal for
2.5V, 3V, and 5V systems. An integrated current-
limiting circuit protects the input supply from large
currents which may cause the supply to fall out of
regulation. In addition, the AAT4618 thermal over-
load protection limits power dissipation and junction
temperatures associated with prolonged periods of
operation in current limit. Due to its low RDS(ON), the
AAT4618 can be used to control loads that require
up to factory preset 400mA, 500mA, or 1A. The
ultra-fast current limit response to a sudden short
circuit is a mere 400ns which reduces the require-
ments of local supply bypassing. An open drain
FAULT flag signals an over-current or over-temper-
ature condition after a 4ms timeout. Quiescent cur-
rent is a low 10µA and the supply current decreas-
es to less than 1µA in shutdown mode.
The AAT4618 is available in a Pb-free 5-pin SOT-
23 or a 8-pin SC70JW package and is specified
over the -40°C to +85°C temperature range.
The AAT4600 series is a family of adjustable and
fixed voltage SmartSwitch products with a range of
current handling capabilities. Single versions with
adjustable current limit (AAT4610, AAT4601) or
fixed current limit (AAT4625) are available, as well
as dual versions with fixed current limit (AAT4626,
AAT4670).
Features
2.4V to 5.5V Input Voltage Range
Current Limit Trip Threshold Options:
— 400mA Min
— 500mA Min
— 1A Min
Fast Transient Response:
— 400ns Response to Short Circuit
Low Quiescent Current:
— 10µA Typical
— < 1µA with Switch Off
125m
Ω Typical RDS(ON)
FAULT Flag with 4ms Blanking
Under-Voltage Lockout
Thermal Shutdown
Temperature Range: -40°C to +85°C
4kV ESD Rating
5-Pin SOT23 or 8-Pin SC70JW Package
Applications
Hot Swap Supplies
Notebook Computers
Peripheral Ports
Personal Communication Devices
USB Ports
Typical Application
AAT4618
ON (ON)
IN
OUT
FAULT
GND
ON
(ON)
100k
INPUT
GND
GND
C
IN
1
μF
C
OUT
0.47
μF
OUTPUT
FAULT


Similar Part No. - AAT4618IGV-1.0-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4618IGV-1.0-1-T1 AAT-AAT4618IGV-1.0-1-T1 Datasheet
251Kb / 11P
   Current Limited Load Switch
More results

Similar Description - AAT4618IGV-1.0-1-T1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
   Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com