Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4650 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT4650
Description  5V/3V PC Card Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4650 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT4650_06 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4650_06 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AAT4650
5V/3V PC Card Power Switch
4650.2006.05.1.2
9
Thermal issues are not a problem in the SOP-8
package since
ΘJA, the package thermal resistance,
is only 120°C/W. At any given ambient temperature
(TA) the maximum package power dissipation can
be determined by the following equation:
Constants for the AAT4650 are maximum junction
temperature, TJ(MAX) = 125°C, and package thermal
resistance,
ΘJA = 120°C/W. Worst case conditions
are calculated at the maximum operating tempera-
ture where TA = 85°C. Typical conditions are cal-
culated under normal ambient conditions where TA
= 25°C. At TA = 85°C, PD(MAX) = 333mW. At TA =
25°C, PD(MAX) = 833mW.
Maximum current is given by the following equation:
For the AAT4650 at 85°C, IOUT(MAX) = 1.65A, a
value greater than the internal minimum current
limit specification.
Over-Current and Over-Temperature
Protection
Because many AAT4650 applications provide power
to external devices, it is designed to protect its host
device from malfunctions in those peripherals
through slew rate control, current limiting, and ther-
mal limiting. The AAT4650 current limit and thermal
limit serve as an immediate and reliable electronic
fuse without any increase in RDS(ON) for this function.
Other solutions, such as a poly fuse, do not protect
the host power supply and system from mishandling
or short circuiting peripherals; they will only prevent
a fire. The AAT4650 high-speed current limit and
thermal limit not only prevent fires, they also isolate
the power supply and entire system from any activi-
ty at the external port and report a mishap by means
of a FAULT signal.
Over-current and over-temperature go hand in hand.
Once an over-current condition exists, the current
supplied to the load by the AAT4650 is limited to the
over-current threshold. This results in a voltage drop
across the AAT4650 which causes excess power
dissipation and a package temperature increase. As
the die begins to heat up, the over-temperature cir-
cuit is activated. If the temperature reaches the max-
imum level, the AAT4650 automatically switches off
the P-channel MOSFETs. While they are off, the
over-temperature circuit remains active. Once the
temperature has cooled by approximately 10°C, the
P-channel MOSFETs are switched back on. In this
manner, the AAT4650 is thermally cycled on and off
until the short circuit is removed. Once the short is
removed, normal operation automatically resumes.
To save power, the full high-speed over-current cir-
cuit is not activated until a lower threshold of cur-
rent (approximately 500mA) is exceeded in the
power device. When the load current exceeds this
crude threshold, the AAT4650 quiescent current
increases from 15µA to 200µA. The high-speed
over-current circuit works by linearly limiting the
current when the current limit is reached. As the
voltage begins to drop on VCC due to current limit-
ing, the current limit magnitude varies and general-
ly decreases as the VCC voltage drops to 0V.
Switching VCC Voltage
The AAT4650 meets PC card standards for switch-
ing the VCC output by providing a ground path for
VCC, as well as a high impedance state. The PC
card protocol for determining low voltage opera-
tions is to first power the peripheral with 5V and poll
for 3.3V operation. When transitioning from 5V to
3.3V, VCC must be discharged to less than 0.8V to
provide a hard reset. The resistive ground state
(CTL1 = 0, CTL0 = 0) will accommodate this. The
ground state will also guarantee the VCC voltage to
be discharged within the specified amount of time
(100ms).
Printed Circuit Board Layout
Recommendations
For proper thermal management, to minimize PCB
trace resistance, and to take advantage of the low
RDS(ON) of the AAT4650, a few circuit board layout
rules should be followed: VCC3, VCC5, and VCC should
be routed using wider than normal traces; the two
VCC pins (Pins 6 and 7) should be connected to the
same wide PCB trace; and GND should be connect-
ed to a ground plane. For best performance, CIN and
COUT should be placed close to the package pins.
=
I
OUT(MAX)
P
D(MAX)
R
DS(ON)
P
D(MAX) =
T
J(MAX) -TA
θJA


Similar Part No. - AAT4650_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650IAS-B1 ANALOGICTECH-AAT4650IAS-B1 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
AAT4650IAS-T1 ANALOGICTECH-AAT4650IAS-T1 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650IAS-T1 AAT-AAT4650IAS-T1 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Skyworks Solutions Inc.
AAT4650IAS-T1 SKYWORKS-AAT4650IAS-T1 Datasheet
987Kb / 12P
   5V/3V PC Card Power Switch
April 26, 2012
logo
Advanced Analogic Techn...
AAT4650IHS-B1 ANALOGICTECH-AAT4650IHS-B1 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
More results

Similar Description - AAT4650_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analogic Techn...
AAT4651 ANALOGICTECH-AAT4651 Datasheet
335Kb / 14P
   5V/3V PC Card Power Switch
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
   3V/5V SIM Power Supply in SOT-23
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com