Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC165 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC165
Description  8-bit PISO shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC165_08 Datasheet HTML 1Page - STMicroelectronics M74HC165_08 Datasheet HTML 2Page - STMicroelectronics M74HC165_08 Datasheet HTML 3Page - STMicroelectronics M74HC165_08 Datasheet HTML 4Page - STMicroelectronics M74HC165_08 Datasheet HTML 5Page - STMicroelectronics M74HC165_08 Datasheet HTML 6Page - STMicroelectronics M74HC165_08 Datasheet HTML 7Page - STMicroelectronics M74HC165_08 Datasheet HTML 8Page - STMicroelectronics M74HC165_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2008
Rev 5
1/21
21
M74HC165
8-bit PISO shift register
Features
High speed:
–tPD = 15 ns (typ.) at VCC = 6 V
Low power dissipation:
–ICC = 4 μA (max.) at TA = 25 °C
High noise immunity:
VNIH = VNIL = 28 % VCC (Min.)
Symmetrical output impedance:
|IOH| = IOL = 4 mA (min)
Balanced propagation delays:
tPLH ≅ tPHL
Wide operating voltage range:
VCC (opr) = 2 V to 6 V
Pin and function compatible with
74 series 165
Description
The M74HC165 is a high speed CMOS 8-bit
PISO (parallel-in-serial-out) shift register
fabricated with silicon gate C2MOS technology.
This device contains eight clocked master slave
RS flip-flops connected as a shift register, with
auxiliary gating to provide overriding
asynchronous parallel entry. The parallel data
enter when the shift/load input is low and can
change while shift/load is low, provided that the
recommended set-up and hold times are
observed. For clocked operation, shift/load must
be high. The two clock inputs perform identically:
one can be used as a clock inhibit by applying a
high signal, to allow this operation clocking is
accomplished through a 2-input nor gate. To avoid
double clocking, however, the inhibit signal should
only go high while the clock is high. Otherwise the
rising inhibit signal causes the same response as
rising clock edge. All inputs are equipped with
protection circuits against static discharge and
transient excess voltage.
SO-16
TSSOP16
DIP-16
Table 1.
Device summary
Order code
Package
Packaging
M74HC165B1R
DIP-16
Tube
M74HC165RM13TR
SO-16
Tape and reel
M74HC165TTR
TSSOP16
Tape and reel
www.st.com


Similar Part No. - M74HC165_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC165B1R STMICROELECTRONICS-M74HC165B1R Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
M74HC165M1R STMICROELECTRONICS-M74HC165M1R Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
M74HC165RM13TR STMICROELECTRONICS-M74HC165RM13TR Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
M74HC165TTR STMICROELECTRONICS-M74HC165TTR Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
More results

Similar Description - M74HC165_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
   8 BIT PISO SHIFT REGISTER
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
506Kb / 12P
   8 BIT PISO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
270Kb / 13P
   8 BIT PISO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com