Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC191B1R Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC191B1R
Description  4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC191B1R Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC191B1R Datasheet HTML 1Page - STMicroelectronics M74HC191B1R Datasheet HTML 2Page - STMicroelectronics M74HC191B1R Datasheet HTML 3Page - STMicroelectronics M74HC191B1R Datasheet HTML 4Page - STMicroelectronics M74HC191B1R Datasheet HTML 5Page - STMicroelectronics M74HC191B1R Datasheet HTML 6Page - STMicroelectronics M74HC191B1R Datasheet HTML 7Page - STMicroelectronics M74HC191B1R Datasheet HTML 8Page - STMicroelectronics M74HC191B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M74HC191
4/14
TIMING CHART
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C


Similar Part No. - M74HC191B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC191B1R STMICROELECTRONICS-M74HC191B1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results

Similar Description - M74HC191B1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com