Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B20AMR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6213B20AMR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B20AMR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6213B20AMR Datasheet HTML 4Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 5Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 6Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 7Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 8Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 9Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 10Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 11Page - Torex Semiconductor XC6213B20AMR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8/28
XC6213 Series
SETTING VOLTAGE
1.2 ~ 1.75V
1.8 ~ 5.0V
CL
More than 3.3μF
More than 1.0μF
■OPERATIONAL EXPLANATION
■NOTES ON USE
<Output Voltage Regulator Control>
The voltage, divided by resistors R1 & R2, which are connected
to the VOUT pin is compared with the internal reference voltage
by the error amplifier.
The P-channel MOSFET which is
connected to the VOUT pin is then driven by the subsequent
output signal. The output voltage at the VOUT pin is controlled &
stabilized by negative feedback. The current limit circuit and
short circuit protection operate in relation to the level of output
current. Further, the voltage regulator's internal circuitry can be
shutdown via the CE pin's signal.
<Low ESR Capacitor>
With the XC6213 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase
compensation circuit is built-in to the regulator. In order to ensure the effectiveness of the phase compensation, please
connect an output capacitor (CL) with a capacitance, based on the chart below. The equivalent serial resistor (ESR) of the
output capacitor (CL) should be within the range as the graph below shown. We also suggest an input capacitor (CIN) of
1.0
μF: this should be connected between VIN and VSS in order to stabilize input power source.
Output Capacitor Corresponding Chart
<Short-Circuit Protection>
The XC6213 series regulator offers circuit protection by means of a built-in foldback circuit. When the load current reaches
the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output
voltage, the foldback circuit operates, the output voltage drops further and output current decreases. When the output pin
is shorted, a current of about 50mA flows.
<CE Pin>
The IC's internal regulator circuitry can be shut down via the signal from the CE pin with the XC6213 series. In shutdown
mode, output at the VOUT pin will be pulled down to the VSS level. Note that as the XC6213B types are 'High Active / No
Pull-Down', operations will become unstable with the CE pin open. We suggest that you use this IC with either a VIN
voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will
operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry if a
voltage other than VIN or VSS is applied.
<Minimum Operating Voltage>
Please apply input voltage more than 2.0V or more in order to stabilize the operation of the IC’s. Normal output voltage
may not be obtained when the input voltage is lower than 2.0V.
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. Should rapid input
fluctuation or load fluctuation occur, please increase the capacitor value such as CIN or CL to stabilize the operation.
4. Make sure not to use the IC with large current at high temperature. When exceeding power dissipation of a package,
heat occurs before short protection operates, and the IC may break.
VSS
VOUT
VIN
ON/OFF
Control
Voltage
Reference
each circuit
CE
R2
R1
-
+
Current
Limiter
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Ta=-40
oC~85oC
VIN=2.0~6.0V , VOUT=1.2~5.0V,CIN=1.0uF (ceramic)
STABLE REGION
Output Current : IOUT (m A)
Ta=-40℃~85℃
VIN=2.0~6.0V, VOUT=1.2~5.0V, CIN=1.0μF(ceramic)


Similar Part No. - XC6213B20AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B20AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com