Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS8001ER Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC25BS8001ER
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8001ER Datasheet(HTML) 4 Page - Torex Semiconductor

  XC25BS8001ER Datasheet HTML 1Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 2Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 3Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 4Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 5Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 6Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 7Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 8Page - Torex Semiconductor XC25BS8001ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
XC25BS8Series
XC25BS8001xx(610 multiplication)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
fCLKin
-
15.000
-
kHz
Multiplier Ratio
N/M
-
610
-
Multiplier
PLL Output Frequency
fQ0
-
9.150
-
MHz
XC25BS8002xx(1220 multiplication)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
fCLKin
-
15.000
-
kHz
Multiplier Ratio
N/M
-
1220
-
Multiplier
PLL Output Frequency
fQ0
-
18.300
-
MHz
XC25BS8003xx(256 multiplication)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
fCLKin
-
48.000
-
kHz
Multiplier Ratio
N/M
-
256
-
Multiplier
PLL Output Frequency
fQ0
-
12.288
-
MHz
XC25BS8004xx(4 multiplication)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
fCLKin
-
20.000
-
MHz
Multiplier Ratio
N/M
-
4
-
Multiplier
PLL Output Frequency
fQ0
-
80.000
-
MHz
XC25BS8005xx(8 multiplication)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
fCLKin
-
9.000
-
MHz
Multiplier Ratio
N/M
-
8
-
Multiplier
PLL Output Frequency
fQ0
-
72.000
-
MHz
■ELECTRICAL CHARACTERISTICS
●Characteristics example by product series
*1: The chart below introduces the products with typical specification characteristics.
*2: For other part number with other input-output frequency or multiplication, please ask Torex sales contacts.
*3: The series are semi-custom products. Specifications for each product are limited within this catalog range.
The input frequency range is set within ±5% of customer’s designated typical frequency.


Similar Part No. - XC25BS8001ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8025 TOREX-XC25BS8025 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025ER TOREX-XC25BS8025ER Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025ER-G TOREX-XC25BS8025ER-G Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025MR TOREX-XC25BS8025MR Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025MR-G TOREX-XC25BS8025MR-G Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8001ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com