Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC74WL04AASR_001 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WL04AASR_001
Description  CMOS Logic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL04AASR_001 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WL04AASR_001 Datasheet HTML 1Page - Torex Semiconductor XC74WL04AASR_001 Datasheet HTML 2Page - Torex Semiconductor XC74WL04AASR_001 Datasheet HTML 3Page - Torex Semiconductor XC74WL04AASR_001 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
XC74WL04AASR
Ta=25℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Non Functional Output Maximum Dynamic VOL
VOLP
50pF
5.0
0.3
0.8
V
Non Functional Output Minimum Dynamic VOL
VOLV
50pF
5.0
-0.8
-0.3
V
Minimum Dynamic VIH
VIHD
50pF
5.0
3.5
V
Maximum Dynamic VIL
VILD
50pF
5.0
1.5
V
TEST CIRCUIT
NOISE CHARACTERISTICS
WAVEFORM
(tr=tf=3ns)


Similar Part No. - XC74WL04AASR_001

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL04AASR-12 TOREX-XC74WL04AASR-12 Datasheet
154Kb / 4P
   CMOS Logic
XC74WL04AASR TOREX-XC74WL04AASR_12 Datasheet
154Kb / 4P
   CMOS Logic
XC74WL04AASR TOREX-XC74WL04AASR_15 Datasheet
154Kb / 4P
   CMOS Logic
More results

Similar Description - XC74WL04AASR_001

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com