Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214P122JL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6214P122JL
Description  500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214P122JL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6214P122JL Datasheet HTML 6Page - Torex Semiconductor XC6214P122JL Datasheet HTML 7Page - Torex Semiconductor XC6214P122JL Datasheet HTML 8Page - Torex Semiconductor XC6214P122JL Datasheet HTML 9Page - Torex Semiconductor XC6214P122JL Datasheet HTML 10Page - Torex Semiconductor XC6214P122JL Datasheet HTML 11Page - Torex Semiconductor XC6214P122JL Datasheet HTML 12Page - Torex Semiconductor XC6214P122JL Datasheet HTML 13Page - Torex Semiconductor XC6214P122JL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
XC6214 Series
TO-252 Power Dissipation
Board Mount (Tj max = 125℃)
Ambient Temperature(℃) Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1800
85
720
55.56
■POWER DISSIPATION (TO-252) (Continued)
Pd-Ta特性グラフ
0
200
400
600
800
1000
1200
1400
1600
1800
2000
25
45
65
85
105
125
周辺温度Ta(℃)
Pd-Ta特性グラフ
0
200
400
600
800
1000
1200
1400
1600
1800
2000
25
45
65
85
105
125
周辺温度Ta(℃)
Power dissipation data for the TO-252 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40 x 40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Operating temperature
Pd vs. Ta
Ambient Temperature Ta (℃)


Similar Part No. - XC6214P122JL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214P152ML TOREX-XC6214P152ML Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P152MR TOREX-XC6214P152MR Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P152PL TOREX-XC6214P152PL Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P152PR TOREX-XC6214P152PR Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P182ML TOREX-XC6214P182ML Datasheet
451Kb / 22P
   CMOS Low Power Consumption
More results

Similar Description - XC6214P122JL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Torex Semiconductor
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
Rohm
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com