Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B50AGR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6213B50AGR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B50AGR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6213B50AGR Datasheet HTML 2Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 3Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 4Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 5Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 6Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 7Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 8Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 9Page - Torex Semiconductor XC6213B50AGR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6/28
XC6213 Series
Ta=25OC
SYMBOL
E-0
E-1
E-2
DROPOUT VOLTAGE 1
DROPTOUT VOLTAGE 2
SETTING
VOLTAGE
OUTPUT VOLTAGE
(V)
IOUT=30mA (mV)
IOUT=100mA (mV)
VOUT
Vdif1
Vdif1
Vdif2
Vdif2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
3.50
3.430
3.570
140
170
350
450
3.55
3.479
3.621
140
170
350
450
3.60
3.528
3.672
140
170
350
450
3.65
3.577
3.723
140
170
350
450
3.70
3.626
3.774
140
170
350
450
3.75
3.675
3.825
140
170
350
450
3.80
3.724
3.876
140
170
350
450
3.85
3.773
3.927
140
170
350
450
3.90
3.822
3.978
140
170
350
450
3.95
3.871
4.029
140
170
350
450
4.00
3.920
4.080
130
160
320
420
4.05
3.969
4.131
130
160
320
420
4.10
4.018
4.182
130
160
320
420
4.15
4.067
4.233
130
160
320
420
4.20
4.116
4.284
130
160
320
420
4.25
4.165
4.335
130
160
320
420
4.30
4.214
4.386
130
160
320
420
4.35
4.263
4.437
130
160
320
420
4.40
4.312
4.488
130
160
320
420
4.45
4.361
4.539
130
160
320
420
4.50
4.410
4.590
120
150
300
400
4.55
4.459
4.641
120
150
300
400
4.60
4.508
4.692
120
150
300
400
4.65
4.557
4.743
120
150
300
400
4.70
4.606
4.794
120
150
300
400
4.75
4.655
4.845
120
150
300
400
4.80
4.704
7.896
120
150
300
400
4.85
4.753
4.947
120
150
300
400
4.90
4.802
4.998
120
150
300
400
4.95
4.851
5.049
120
150
300
400
5.00
4.900
5.100
120
150
300
400
●Dropout Voltage Chart (Continued)
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6213B50AGR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B50AN TOREX-XC6213B50AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B50AGR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com