Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2141 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2141
Description  ICs for use with Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2141 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2141 Datasheet HTML 1Page - Torex Semiconductor XC2141 Datasheet HTML 2Page - Torex Semiconductor XC2141 Datasheet HTML 3Page - Torex Semiconductor XC2141 Datasheet HTML 4Page - Torex Semiconductor XC2141 Datasheet HTML 5Page - Torex Semiconductor XC2141 Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
XC2141
Series
MARK
RATIO
E
f0/1
MARK
DUTY LEVEL
2
CMOS (VDD/2)
PACKAGING INFORMATION
SOT-26
MARKING RULE
Represents divider ratio
Represents duty level
Represents 'A' which equals 'No Rf, Cg, Cd = 2pF'
Represents assembly lot number
(based on internal standards)


Similar Part No. - XC2141

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2141 TOREX-XC2141 Datasheet
71Kb / 1P
   CMOS IC
XC2141 TOREX-XC2141 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2141A21AML TOREX-XC2141A21AML Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2141A21AMR TOREX-XC2141A21AMR Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2141C21AML TOREX-XC2141C21AML Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2141

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com