Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP3N100 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP3N100
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3N100 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP3N100 Datasheet HTML 2Page - STMicroelectronics STP3N100 Datasheet HTML 3Page - STMicroelectronics STP3N100 Datasheet HTML 4Page - STMicroelectronics STP3N100 Datasheet HTML 5Page - STMicroelectronics STP3N100 Datasheet HTML 6Page - STMicroelectronics STP3N100 Datasheet HTML 7Page - STMicroelectronics STP3N100 Datasheet HTML 8Page - STMicroelectronics STP3N100 Datasheet HTML 9Page - STMicroelectronics STP3N100 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.4
0.7
0.015
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
L2
L6
Ø
L3
123
L7
L4
ISOWATT220 MECHANICAL DATA
P011G
STP3N100/FI
9/10


Similar Part No. - STP3N100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3N150 STMICROELECTRONICS-STP3N150 Datasheet
484Kb / 16P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET
STP3N150 STMICROELECTRONICS-STP3N150 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
logo
Inchange Semiconductor ...
STP3N150 ISC-STP3N150 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP3N150 STMICROELECTRONICS-STP3N150 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
More results

Similar Description - STP3N100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com