Electronic Components Datasheet Search |
|
XC6210D30APR Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6210D30APR Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 22 page 1/22 XC6210 Series High Current, High Speed LDO Regulators ■FEATURES Maximum Output Current : More than 700mA (800mA limit, TYP.) (1.6V<VOUT(T)<5.0V) Dropout Voltage : 50mV @ 100mA : 100mV @ 200mA Operating Voltage Range : 1.5V ~ 6.0V Output Voltage Range : 0.8V ~ 5.0V (50mV increments) Highly Accurate : +2% (The setting voltage accuracy) Low Power Consumption : 35 μA (TYP.) High Ripple Rejection : 60dB @1kHz Operational Ambient Temperature : - 40 ℃ ~ 85℃ CMOS Low ESR Capacitor Compatible Ultra Small Packages : SOT-25 (SOT-23-5) SOT-89-5 USP-6B ■GENERAL DESCRIPTION The XC6210 series are precise, low noise, high current, positive voltage low dropout regulators. They are fabricated using Torex’s CMOS process. The series features a voltage reference, an error amplifier, a current limiter, and a phase compensation circuit plus a driver transistor. With a low ON resistance driver transistor built into, batteries can be used until input-output voltage differential is minimal and can accordingly be used for a longer time. The series is also compatible with low ESR ceramic capacitors which give added output stability. The output voltage of the LDO is selectable in 50mV increments within the range of 0.8V to 5.0V. The current limiter's foldback circuit also operates as the output current limiter and the output pin protection. The IC's internal regulator circuit can be placed in stand-by mode via the CE function. In the stand-by mode, power consumption is greatly reduced. ■APPLICATIONS ●CD-ROMs, CD-R / RW drive ●DVD drive ●HDD drive ●Cameras, Video recorders ●Portable AV equipment ●Battery powered equipment ■TYPICAL APPLICATION CIRCUIT ■TYPICAL PERFORMANCE CHARACTERISTICS ●Dropout Voltage vs. Output Current ETR0317_002 |
Similar Part No. - XC6210D30APR |
|
Similar Description - XC6210D30APR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |