Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6365D103MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6365D103MR
Description  PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6365D103MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6365D103MR Datasheet HTML 1Page - Torex Semiconductor XC6365D103MR Datasheet HTML 2Page - Torex Semiconductor XC6365D103MR Datasheet HTML 3Page - Torex Semiconductor XC6365D103MR Datasheet HTML 4Page - Torex Semiconductor XC6365D103MR Datasheet HTML 5Page - Torex Semiconductor XC6365D103MR Datasheet HTML 6Page - Torex Semiconductor XC6365D103MR Datasheet HTML 7Page - Torex Semiconductor XC6365D103MR Datasheet HTML 8Page - Torex Semiconductor XC6365D103MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
XC6365/XC6366 Series
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
■GENERAL DESCRIPTION
The XC6365/XC6366 series are multi-functional step-down DC/DC converters with built-in high speed, low ON resistance
drivers. An output current of more than 1A is possible using an externally connected transistor, coil, diode and capacitor.
Output voltage is programmable in 0.1V increments between 1.5V to 6.0V (VOUT) (±2.5% accuracy). Further, with 1.0V of
standard voltage supply internal and using externally connected components, output voltage can be set up freely (FB). With
a 300kHz switching frequency, the size of the external components can be reduced.
Control switches from PWM to PFM during light loads with the XC6366 (PWM/PFM switchable) and the series is highly
efficient from light loads to large output currents.
In relation to soft-start time, both internally set-up 10ms types (A, B) and external resistor or capacitor regulated types (C, D)
are available.
During stand-by time (CE pin "Low" ), current consumption is reduced to less than 0.5μA.
With UVLO internal, the external transistor will be forcibly switched off if used below the stipulated voltage.
■APPLICATIONS
●Electronic information organizers
●Palmtops
●Cellular and portable phones
●Portable audio systems
●Various multi-function power supplies
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Input Voltage Range
: 2.2V ~ 10V (VOUT type)
Output Voltage Range
: 1.5V ~ 6.0V programmable in
0.1V increments (±2.5%)
Oscillation Frequency
: 300kHz (±15%)
: Custom products for 180, 500kHz
Output Current
: More than 1.0A
(VIN=5.0V, VOUT=3.0V)
High Efficiency
: 92% (TYP.)
Stand-by Capability
: ISTB=0.5μA (MAX.)
Soft-start time set-up externally type possible
Internally set-up output voltage type possible (VOUT)
Externally set-up output voltage type possible (FB)
Maximum Duty Ratio
: 100%
PWM/PFM Switching Control (XC6366)
Package
: SOT-25, USP-6C
■TYPICAL PERFORMANCE
CHARACTERISTICS
☆GreenOperation-Compatible
ETR0501_003


Similar Part No. - XC6365D103MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365D103MR TOREX-XC6365D103MR Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
More results

Similar Description - XC6365D103MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com