Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6701 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6701
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6701 Datasheet HTML 3Page - Torex Semiconductor XC6701 Datasheet HTML 4Page - Torex Semiconductor XC6701 Datasheet HTML 5Page - Torex Semiconductor XC6701 Datasheet HTML 6Page - Torex Semiconductor XC6701 Datasheet HTML 7Page - Torex Semiconductor XC6701 Datasheet HTML 8Page - Torex Semiconductor XC6701 Datasheet HTML 9Page - Torex Semiconductor XC6701 Datasheet HTML 10Page - Torex Semiconductor XC6701 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7/32
XC6701
Series
SYMBOL
E-0
E-2
E-3
PARAMETER
SETTING
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(V)
(2% products)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
1.8
1.764
1.836
550
710
2200
2700
1.9
1.862
1.938
550
710
2200
2700
2.0
1.960
2.040
450
600
1900
2600
2.1
2.058
2.142
450
600
1900
2600
2.2
2.156
2.244
390
520
1700
2200
2.3
2.254
2.346
390
520
1700
2200
2.4
2.352
2.448
390
520
1700
2200
2.5
2.450
2.550
310
450
1500
1900
2.6
2.548
2.652
310
450
1500
1900
2.7
2.646
2.754
310
450
1500
1900
2.8
2.744
2.856
310
450
1500
1900
2.9
2.842
2.958
310
450
1500
1900
3.0
2.940
3.060
260
360
1300
1700
3.1
3.038
3.162
260
360
1300
1700
3.2
3.136
3.264
260
360
1300
1700
3.3
3.234
3.366
260
360
1300
1700
3.4
3.332
3.468
260
360
1300
1700
3.5
3.430
3.570
260
360
1300
1700
3.6
3.528
3.672
260
360
1300
1700
3.7
3.626
3.774
260
360
1300
1700
3.8
3.724
3.876
260
360
1300
1700
3.9
3.822
3.978
260
360
1300
1700
4.0
3.920
4.080
220
320
1100
1500
4.1
4.018
4.182
220
320
1100
1500
4.2
4.116
4.284
220
320
1100
1500
4.3
4.214
4.386
220
320
1100
1500
4.4
4.312
4.488
220
320
1100
1500
4.5
4.410
4.590
220
320
1100
1500
4.6
4.508
4.692
220
320
1100
1500
4.7
4.606
4.794
220
320
1100
1500
4.8
4.704
4.896
220
320
1100
1500
4.9
4.802
4.998
220
320
1100
1500
5.0
4.900
5.100
190
280
1000
1300
5.1
4.998
5.202
190
280
1000
1300
5.2
5.096
5.304
190
280
1000
1300
5.3
5.194
5.406
190
280
1000
1300
5.4
5.292
5.508
190
280
1000
1300
5.5
5.390
5.610
190
280
1000
1300
5.6
5.488
5.712
190
280
1000
1300
5.7
5.586
5.814
190
280
1000
1300
5.8
5.684
5.916
190
280
1000
1300
5.9
5.782
6.018
190
280
1000
1300
6.0
5.880
6.120
190
280
1000
1300
●Voltage Chart
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6701

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER TOREX-XC6701B182ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER TOREX-XC6701B182ER Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER-G TOREX-XC6701B182ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com