Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6601B091MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6601B091MR
Description  Low Voltage Input LDO Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601B091MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6601B091MR Datasheet HTML 7Page - Torex Semiconductor XC6601B091MR Datasheet HTML 8Page - Torex Semiconductor XC6601B091MR Datasheet HTML 9Page - Torex Semiconductor XC6601B091MR Datasheet HTML 10Page - Torex Semiconductor XC6601B091MR Datasheet HTML 11Page - Torex Semiconductor XC6601B091MR Datasheet HTML 12Page - Torex Semiconductor XC6601B091MR Datasheet HTML 13Page - Torex Semiconductor XC6601B091MR Datasheet HTML 14Page - Torex Semiconductor XC6601B091MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
XC6601
Series
<Voltage Regulator>
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The N-channel
MOSFET which is connected to the VOUT pin is then driven by the subsequent output signal. The output voltage at the VOUT pin is
controlled & stabilized by a system of negative feedback.
VBIAS pin is power supply pin for output voltage control circuit, protection circuit and CE circuit. When output current increase,
the VBIAS pin supplies output current also. VIN pin is connected to a driver transistor and provides output current.
In order to obtain high efficient output current through low on-resistance, please take enough Vgs (=VBIAS – VOUT(T)) of the driver
transistor. Output current triggers operation of constant current limiter and fold-back circuit, heat generation triggers operation of
thermal shutdown circuit, the driver transistor circuit is forced OFF when VBIAS or VIN voltage goes lower than UVLO voltage.
Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
XC6601A series
<
Low ESR Capacitor>
With the XC6601 series, a stable output voltage is achievable even if used with low ESR capacitors, as a phase compensation
circuit is built-in. The output capacitor (CL) should be connected as close to VOUT pin and VSS pin to obtain stable phase
compensation. Values required for the phase compensation are as the table below.
For a stable power input, please connect an bias capacitor (CBIAS ) of 1.0μF between the V BIAS pin and the VSS pin. Also,
please connect an input capacitor (CIN) of 1.0μF between the VIN pin and the VSS pin. In order to ensure the stable phase
compensation while avoiding run-out of values, please use the capacitor (CBIAS, CIN, CL ) which does not depend on bias or
temperature too much. The table below shows recommended values of CBIAS, CIN, CL.
Recommended Values of CBIAS, CIN, CL
BIAS CAPACITOR
INPUT CAPACITOR
OUTPUT CAPACITOR
SETTING VOLTAGE
CBIAS
CIN
CL
0.7V~1.8V
CBIAS=1.0μF
CIN=1.0μF
CL=4.7μF
■OPERATIONAL EXPLANATION


Similar Part No. - XC6601B091MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601B071ER TOREX-XC6601B071ER Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B071ER-G TOREX-XC6601B071ER-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B071MR TOREX-XC6601B071MR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B071MR-G TOREX-XC6601B071MR-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601B071PR TOREX-XC6601B071PR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601B091MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com