Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6701B72MR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6701B72MR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701B72MR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6701B72MR Datasheet HTML 1Page - Torex Semiconductor XC6701B72MR Datasheet HTML 2Page - Torex Semiconductor XC6701B72MR Datasheet HTML 3Page - Torex Semiconductor XC6701B72MR Datasheet HTML 4Page - Torex Semiconductor XC6701B72MR Datasheet HTML 5Page - Torex Semiconductor XC6701B72MR Datasheet HTML 6Page - Torex Semiconductor XC6701B72MR Datasheet HTML 7Page - Torex Semiconductor XC6701B72MR Datasheet HTML 8Page - Torex Semiconductor XC6701B72MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2/32
XC6701 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTIONS
1
5
6
VIN
Power Input
2
2
5
VSS
Ground
3
4
2, 4
NC
No connection
4
3
3
CE
ON/OFF Control
5
1
1
VOUT
Output
PIN NUMBER
SOT-89
SOT-223
TO-252
PIN NAME
FUNCTIONS
3
3
1
VIN
Power Input
2
2
2
VSS
Ground
1
1
3
VOUT
Output
■PIN CONFIGURATION
■PIN ASSIGNMENT
* The dissipation pad for the USP-6C
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No. 5) pin.
●XC6701B Series
●XC6701D Series
SOT-25
(TOP VIEW)
SOT-89
(TOP VIEW)
SOT-89-5
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
SOT-223
(TOP VIEW)
TO-252
(TOP VIEW)


Similar Part No. - XC6701B72MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701B182ER TOREX-XC6701B182ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER TOREX-XC6701B182ER Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER-G TOREX-XC6701B182ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER-G TOREX-XC6701B182ER-G Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182FR TOREX-XC6701B182FR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701B72MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com