Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6210D302DR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6210D302DR
Description  High Current, High Speed LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210D302DR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6210D302DR Datasheet HTML 4Page - Torex Semiconductor XC6210D302DR Datasheet HTML 5Page - Torex Semiconductor XC6210D302DR Datasheet HTML 6Page - Torex Semiconductor XC6210D302DR Datasheet HTML 7Page - Torex Semiconductor XC6210D302DR Datasheet HTML 8Page - Torex Semiconductor XC6210D302DR Datasheet HTML 9Page - Torex Semiconductor XC6210D302DR Datasheet HTML 10Page - Torex Semiconductor XC6210D302DR Datasheet HTML 11Page - Torex Semiconductor XC6210D302DR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/22
XC6210 Series
VOUT
0.8V ~ 1.45V
1.5V ~ 1.75V
1.8V ~ 5.0V
CL
More than 6.8
μF
More than 4.7
μF
More than 1.0
μF
■OPERATIONAL EXPLANATION
<Output Voltage Regulator Control>
The voltage, divided by resistors R1 & R2, which are connected to the VOUT pin is compared with the internal reference
voltage by the error amplifier.
The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the
subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by negative feedback.
The
constant current limit circuit and short circuit protection operate in relation to the level of output current.
<Low ESR Capacitor>
With the XC6210 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase
compensation circuit is built into the regulator.
In order to ensure the effectiveness of the phase compensation, we
suggest that an output capacitor (CL) be connected as close as possible, between the output pin (VOUT) and the VSS pin.
Please use an output capacitor (CL) with a capacitance, based on the chart below.
We also suggest an input capacitor
(CIN) of 1
μF: this should be connected between VIN and VSS in order to stabilize input power source.
Output Capacitor Corresponding Chart
<Current Limiter, Short-Circuit Protection>
The XC6210 series regulator offers a combination of current limit and short circuit protection by means of a built-in fixed
current limiter circuit and a foldback circuit.
When the load current reaches the current limit level, the fixed current
limiter circuit operates and output voltage drops.
As a result of this drop in output voltage, the foldback circuit operates,
the output voltage drops further and output current decreases.
When the output pin is shorted, a current of about 50mA
flows.
<CE Pin>
The IC's internal regulator circuitry can be shut down via the signal from the CE pin with the XC6210 series.
In
shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2.
Options are available for the
CE pin logic (See the product classification).
Note that as the XC6210B types are 'High Active / No Pull-Down',
operations will become unstable with the CE pin open.
Although the CE pin is equal to an inverter input with CMOS
hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation.
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin.
If this IC is used with the
correct specifications for the CE pin, the IC will operate normally.
However, supply current may increase as a result of
through current in the IC's internal circuitry if a voltage other than VIN or VSS is applied.
■NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current.
Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
Should rapid input
fluctuation or load fluctuation occur, please increase the capacitor value such as CIN or CL to stabilize the operation.


Similar Part No. - XC6210D302DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210D TOREX-XC6210D Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results

Similar Description - XC6210D302DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com