Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM517BB01DR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM517BB01DR
Description  600mA Synchronous Dual Output Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM517BB01DR Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM517BB01DR Datasheet HTML 1Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 2Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 3Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 4Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 5Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 6Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 7Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 8Page - Torex Semiconductor XCM517BB01DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2/28
XCM517 Series
PIN NUMBER
PIN NAME
USP-12B01
XCM517
XC9235/XC9236
XC9235/XC9236
FUNCTIONS
1
VOUT1
VOUT
DC/DC-1 Channel Block:
Output Voltage sense
2
AGND1
AGND
DC/DC-1 Channel Block:
Analog Ground
3
EN1
CE
DC/DC-1 Channel Block:
ON/OFF Control
4
VIN2
VIN
DC/DC-2 Channel Block:
Power Input
5
PGND2
PGND
DC/DC-2 Channel Block :
Power Ground
6
Lx2
Lx
DC/DC-2 Channel Block :
Switching
7
VOUT2
VOUT
DC/DC-2 Channel Block :
Output Voltage sense
8
AGND2
AGND
DC/DC-2 Channel Block :
Analog Ground
9
EN2
CE
DC/DC-2 Channel Block :
ON/OFF Control
10
VIN1
VIN
DC/DC-1 Channel Block :
Power Input
11
PGND1
PGND
DC/DC-1 Channel Block :
Power Ground
12
Lx1
Lx
DC/DC-1 Channel Block :
Switching
■PIN CONFIGURATIOIN
■PIN ASSIGNMENT
USP-12B01
(BOTTOM VIEW)
NOTE:
* A dissipation pad on the reverse side of the package should be electrically isolated.
*1: Electrical potential of the DC/DC 1 channels’ dissipation pad should be VSS level.
*2: Electrical potential of the DC/DC 2 channels’ dissipation pad should be VSS level.
Care must be taken for an electrical potential of each dissipation pad so as to enhance mounting strength and heat release when the pad
needs to be connected to the circuit.
*1
*2
1 VOUT1
6 Lx2
5 PGND2
4 VIN2
3 EN1
2 AGND1
LX112
VOUT2 7
AGND2 8
EN2 9
VIN1 10
PGND1 11


Similar Part No. - XCM517BB01DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 123P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM519AA01DR TOREX-XCM519AA01DR Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM519AA02DR TOREX-XCM519AA02DR Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
More results

Similar Description - XCM517BB01DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com