Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPCLOCK5300S Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPCLOCK5300S
Description  In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5300S Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPCLOCK5300S Datasheet HTML 3Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 4Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 5Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 6Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 7Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 8Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 9Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 10Page - Lattice Semiconductor ISPCLOCK5300S Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Lattice Semiconductor
ispClock5300S Family Data Sheet
7
Electrical Characteristics – Differential SSTL18
Electrical Characteristics – Differential SSTL2
Electrical Characteristics – Differential HSTL
Electrical Characteristics – Differential eHSTL
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIL
Low-Logic Level Input Voltage
0.61
V
VIH
Hi Logic Level Input Voltage
1.17
V
VIX
Input Pair Differential Crosspoint
Voltage
VREF -175mV
VREF +175mV
V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VSWING(DC)
DC Differential Input Voltage Swing
-0.03
3.225
V
VSWING(AC)
AC Input Differential Voltage
0.62
3.225
VPP
VIX
Input Pair Differential Crosspoint
Voltage
VREF - 200 mV
VREF + 200 mV
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSWING(DC)
DC Differential Input Voltage Swing
-0.03
3.325
V
VSWING(AC)
AC Input Differential Voltage
0.4
3.325
VPP
VIX
Input Pair Differential Crosspoint
Voltage
0.68
0.9
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSWING(DC)
DC Differential Input Voltage Swing
-0.03
3.325
V
VSWING(AC)
AC Input Differential Voltage
0.4
3.325
VPP
VIX
Input Pair Differential Crosspoint
Voltage
0.68
0.9
V


Similar Part No. - ISPCLOCK5300S

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5510 LATTICE-ISPCLOCK5510 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5520 LATTICE-ISPCLOCK5520 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5600A LATTICE-ISPCLOCK5600A Datasheet
980Kb / 51P
   In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPCLOCK5300S

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5600A LATTICE-ISPCLOCK5600A Datasheet
980Kb / 51P
   In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com